Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 81 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 77Page - STMicroelectronics L99UDL01 Datasheet HTML 78Page - STMicroelectronics L99UDL01 Datasheet HTML 79Page - STMicroelectronics L99UDL01 Datasheet HTML 80Page - STMicroelectronics L99UDL01 Datasheet HTML 81Page - STMicroelectronics L99UDL01 Datasheet HTML 82Page - STMicroelectronics L99UDL01 Datasheet HTML 83Page - STMicroelectronics L99UDL01 Datasheet HTML 84Page - STMicroelectronics L99UDL01 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
DS12511 Rev 5
81/88
L99UDL01
Programmers guide
87
The Device status bits must be read and cleared to be able to read subsequent changes in
the status. The device status bits will remain at “Complete” [1:1] until cleared. It is
recommended that both status bits be cleared to avoid confusion as to the status of the
device.
While in Emergency Override mode the status bits will be automatically cleared whenever
there is a write to CR01H.
VDDUV
The VDDUV bit will be set when the L99UDL01 VDD falls below the under voltage
threshold, VDDUV. It will only be cleared by a read and clear. This bit affects the FE2 bit in
the Global Status byte.
6.3.4
Register 12H (General Fault information)
This register reports the thermal faults as well as some supply faults.
Figure 29. 12H General fault information register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
1
1
0
010010
Default Values
0000000000
00000
X
Table 57. 12H register bit description
Bit No.
Function
Level
State after SPI
Read & Clear
Default
(after POR)
15
CPLOW
Charge pump low state
Cleared
0
14
VSLVI
VS low Voltage Inhibit indication
Cleared
0
13
VSOVSD
VS overvoltage indication
Cleared
0
12
TSD6
Over temperature Shutdown Out 6
Cleared
0
11
TSD5
Over temperature Shutdown Out 5
Cleared
0
10
TSD4
Over temperature Shutdown Out 4
Cleared
0
9
TSD3
Over temperature Shutdown Out 3
Cleared
0
8
TSD2
Over temperature Shutdown Out 2
Cleared
0
7
TSD1
Over temperature Shutdown Out 1
Cleared
0
6
TW6
Thermal Warning Out 6
Cleared
0
5
TW5
Thermal Warning Out 5
Cleared
0
4
TW4
Thermal Warning Out 4
Cleared
0
3
TW3
Thermal Warning Out 3
Cleared
0
2
TW2
Thermal Warning Out 2
Cleared
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com