Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 74Page - STMicroelectronics L99UDL01 Datasheet HTML 75Page - STMicroelectronics L99UDL01 Datasheet HTML 76Page - STMicroelectronics L99UDL01 Datasheet HTML 77Page - STMicroelectronics L99UDL01 Datasheet HTML 78Page - STMicroelectronics L99UDL01 Datasheet HTML 79Page - STMicroelectronics L99UDL01 Datasheet HTML 80Page - STMicroelectronics L99UDL01 Datasheet HTML 81Page - STMicroelectronics L99UDL01 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
Programmers guide
L99UDL01
78/88
DS12511 Rev 5
Due to the nature of the active freewheeling, a short across the regulated switch may show
up as a CNR. It is recommended that if a CNR is detected that an off-state load diagnostic
be performed using the dynamic output voltage detect (DOSx Register 11H) with the weak
pull-up/down currents (ODCxy in register 07H).
A PWM controlled output may not detect a shorted driving element. The output current may
be read or an off state load diagnostic may be performed to verify the load integrity.
For grouped outputs only the Master status bits (OUT1 or OUT 4) contain the correct fault
information for their respective groups. Slave status bits may be ignored.
It is recommended that all of the status bits, single or paralleled, be completely cleared to
guarantee proper operation.
RD_Fail
If a read command is given for a register that is non-existent a read fail bit will be set. The
SPIE bit in the global status byte will also be set. There will be no effect on the function of
the IC as a result of a Read Fail event. The data will be ignored.
SPI_Fail
A SPI Fail bit is set if the clock count is incorrect or the SDI pin is stuck high or low or if a
parity error is detected. A clock count error occurs when the clock count between the falling
and rising edge of the CSN pin is not 24 (not burst read mode). For a SPI Burst Read the
SPI Data Length plus multiple numbers of Payload SCK edges are assumed as a valid
communication (e.g. 8+ n x 16 where n = the number of additional payloads read). Anything
outside of that count would be considered a SPI Fail.
A SPI failure does not change the behavior of the device. That is, if a SPI fail occurs no
registers will change their value as a result of that attempted SPI transmission.
WRT_Fail
A write fail occurs if incorrect data is written to an existing command or configuration register
(06H-07H). The data will be transferred to the register and the WRT_Fail flag will be set and
latched until the correct data is written followed by a read and clear command. A write fail
can also occur if the address used is not one of the command or configuration registers
(00H – 09H).
Table 53. Output status bit description
Output diagnostic
FLTx_1
FLTx_0
Diagnostic
0
0
No Fault
0
1
Overcurrent
1
0
CNR
1
1
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com