Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 51Page - STMicroelectronics L99UDL01 Datasheet HTML 52Page - STMicroelectronics L99UDL01 Datasheet HTML 53Page - STMicroelectronics L99UDL01 Datasheet HTML 54Page - STMicroelectronics L99UDL01 Datasheet HTML 55Page - STMicroelectronics L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics L99UDL01 Datasheet HTML 58Page - STMicroelectronics L99UDL01 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
DS12511 Rev 5
55/88
L99UDL01
Programmers guide
87
LSDx, HSDx
These bits determine the polarity of an output. Only a low side driver or a high side driver for
a single output can be on at a time. If both a low side driver and a high side driver for a
specific output are enabled simultaneously the output will be tri-stated.
FPWM_x PWM frequency selection
These three bits provide PWM frequency selection to optimize the current regulation / PWM
frequency for the loads. This is a global command. All integrated drivers will use the
selected frequency to provide PWM voltage control or PWM current control.
13
FPWM0
PWM Frequency selection bit 0
12
HSD6
Hbridge HSD 6 Enable
11
HSD5
Hbridge HSD 5 Enable
10
HSD4
Hbridge HSD 4 Enable
9
HSD3
Hbridge HSD 3 Enable
8
HSD2
Hbridge HSD 2 Enable
7
HSD1
Hbridge HSD 1 Enable
6
LSD6
Hbridge LSD 6 Enable
5
LSD5
Hbridge LSD 5 Enable
4
LSD4
Hbridge LSD 4 Enable
3
LSD3
Hbridge LSD 3 Enable
2
LSD2
Hbridge LSD 2 Enable
1
LSD1
Hbridge LSD 1 Enable
0Parity
Table 27. 00H Command description
Bit#
Command
Description
Table 28. Polarity command bits
Output polarity
LSDx
HSDx
Polarity
0
0
Tristate
0
1
High Side on
1
0
Low Side on
1
1
Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com