Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 30Page - STMicroelectronics L99UDL01 Datasheet HTML 31Page - STMicroelectronics L99UDL01 Datasheet HTML 32Page - STMicroelectronics L99UDL01 Datasheet HTML 33Page - STMicroelectronics L99UDL01 Datasheet HTML 34Page - STMicroelectronics L99UDL01 Datasheet HTML 35Page - STMicroelectronics L99UDL01 Datasheet HTML 36Page - STMicroelectronics L99UDL01 Datasheet HTML 37Page - STMicroelectronics L99UDL01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Electrical characteristics
L99UDL01
34/88
DS12511 Rev 5
4.3.6
External half bridge
Table 11. External half-bridge parameters
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
D.020
VGATEH_on
GATEH/EXTx output
voltage when enabled
VCP > VCP_min, output
commanded on
VSRCX
+5
VSRCX
+10
VSRCX
+13.5
V
D.021
IGATEH_on
GATEH/EXTx rising
current
Transition from off to on,
VS=13.5 V, VSHx=0,
VGHx=3 V
14
20
mA
D.022
IGATEH_off
GATEH/EXTx falling
current
Transition from on to off
VS=13.5 V, VSHx=0,
VGHx=3 V
14
20
mA
D.023
RGSHx
GATEH/EXTx Gate-
Source passive
discharge resistance
Device in STBY (STBY bit=1)
10
15
20
k
D.024
VGATEL_on
GATEL/EXTx output
voltage when enabled
Output commanded on
6
13.5
V
D.025
IGATEL_on
GATEL/EXTx rising
current
Transition from off to on
VS=13.5 V, VGLx=3 V
15
20
mA
D.026
IGATEL_off
GATEL/EXTx falling
current
Transition from on to off
VS=13.5 V, VGLx=3 V
15
20
mA
D.027
RGSLlx
GATEL Gate-Source
passive discharge
resistance
Device in SLEEP mode
10
15
20
k
D.028
tDT (1)
Cross conduction dead
time for external
MOSFETs
Transitioning from either
direction.
Tested by scan
6
s
D.029
VOUT_th
Dynamic output voltage
threshold
1.5
1.8
2.1
V
D.030
Cmax
Maximum Capacitive
load on Gate Drive pins
For cross conduction
prevention.
1000
pF
1. tDT typ. value is 10 µsec in the following cases: 
a. the external output is configured in overridden mode and the device is in emergency mode, or
b. L99UDL01 is in Normal mode coming from Emergency mode without disabling and then enabling again the External
Output (EX_OUTx_on) overridden control bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com