Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics L99UDL01 Datasheet HTML 21Page - STMicroelectronics L99UDL01 Datasheet HTML 22Page - STMicroelectronics L99UDL01 Datasheet HTML 23Page - STMicroelectronics L99UDL01 Datasheet HTML 24Page - STMicroelectronics L99UDL01 Datasheet HTML 25Page - STMicroelectronics L99UDL01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
Device description
L99UDL01
22/88
DS12511 Rev 5
Paralleled outputs have all their current regulation, protection, and diagnostic information
tied together. Once a set of outputs are grouped then the master registers are used to
command and diagnose that group. The master registers are output 1 for outputs 1 through
3 and output 4 for outputs 4 through 6.
When paralleling multiple half bridges all the channels in the group will provide the current
monitoring for the master current regulation loop.
Current values programmed for each channel in the group are added to create the total
current for the group. Each output can have different values (for ex; 1 A for ch1 and 1.2 A for
ch2 to generate 2.2 A total current regulation for the group). The Slave outputs must be
programmed as current regulating when using current regulation.
PWM values will be taken from the master registers only. The remaining slave registers will
be ignored when in PWM mode. The Slave outputs must be programmed as PWM when
using PWM mode.
All diagnostics in a group must be cleared prior to restarting that group. For grouped
outputs, only the Master registers (OUT1 or OUT 4) contain the correct fault information for
their respective groups. Any diagnostic information must be gleaned from the Master. Slave
registers may or may not indicate faults.
2.4.6
Output override
The outputs can be driven directly, outside of a timed actuation, by the use of the Output
Override bits (OUTx_on, EX_OUTx_on in register 01H). When any of these bits are high
then the corresponding output(s) will be enabled according to the configuration settings
(polarity only). Overridden outputs are fully protected. Emergency Override affects the
protections for overridden outputs in the same manner as timed outputs.
The overridden outputs will not current regulate nor will they be affected by a timed
actuation.
Overridden outputs must not be modified (on, off, or polarity) at the initialization of
(OUT_ON=1) or during a timed actuation unless an emergency override is enabled.
Indefinite dynamic braking must be disabled prior to change any of the output override bits
(OUTx_on and EX_OUTx_on in register 01H) or any of the overridden output polarities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com