Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 56Page - STMicroelectronics L99UDL01 Datasheet HTML 57Page - STMicroelectronics L99UDL01 Datasheet HTML 58Page - STMicroelectronics L99UDL01 Datasheet HTML 59Page - STMicroelectronics L99UDL01 Datasheet HTML 60Page - STMicroelectronics L99UDL01 Datasheet HTML 61Page - STMicroelectronics L99UDL01 Datasheet HTML 62Page - STMicroelectronics L99UDL01 Datasheet HTML 63Page - STMicroelectronics L99UDL01 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Programmers guide
L99UDL01
60/88
DS12511 Rev 5
tOFF_x
These bits set up the dynamic braking mode duration. Dynamic braking occurs immediately
after the on-time actuation is complete. Dynamic braking is active on all outputs except
where overridden (Output Override) or disabled (Dynamic Braking Disable). During dynamic
braking, low side drivers (internal and external) are turned on for the duration commanded
by the tOFF_x bits. When the indefinite dynamic braking mode, [1:1], is selected a new
actuation cannot start until after an initial 100ms of dynamic braking time.
Indefinite braking can be stopped by appropriately programming register CR02H (tOFF bits
[1,2]) and initiating an actuation (i.e. setting OUT_ON=1). One example would be
programing tOFF=tON=0, disabling all timed and unused outputs in CR00H and CR01H and
initiating an actuation. Entering in Emergency mode with OUT_ON=0 stops the indefinite
braking
tON_x
Three bits set up the on-time duration during lock / unlock actuation. These bit are global
since they act upon all appropriate outputs together.
8
DBN_1
Dynamic Braking disable for Internal bridge 1
7
tON_4
Latch on-time duration bit 4
6
tON_3
Latch on-time duration bit 3
5
tON_2
Latch on-time duration bit 2
4
tON_1
Latch on-time duration bit 1
3
tON_0
Latch on-time duration bit 0
2
tOFF _1
Dynamic braking duration bit 1
1
tOFF _0
Dynamic braking duration bit 0
0Parity
Table 34. Brake duration bits
tOFF _1
tOFF _0
Duration (ms)
00
0
0
1
100
1
0
200
1
1
100 + Indefinite
Table 33. 02H Configuration bit description (continued)
Bit#
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com