Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 35Page - STMicroelectronics L99UDL01 Datasheet HTML 36Page - STMicroelectronics L99UDL01 Datasheet HTML 37Page - STMicroelectronics L99UDL01 Datasheet HTML 38Page - STMicroelectronics L99UDL01 Datasheet HTML 39Page - STMicroelectronics L99UDL01 Datasheet HTML 40Page - STMicroelectronics L99UDL01 Datasheet HTML 41Page - STMicroelectronics L99UDL01 Datasheet HTML 42Page - STMicroelectronics L99UDL01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
DS12511 Rev 5
39/88
L99UDL01
Electrical characteristics
87
4.3.11
SPI timing
Table 16. SPI timing parameters
Electrical characteristics (-40°C < TJ < 130°C, 6V < VS < 18V unless otherwise specified)
SPI Timing Parameters
Req ID
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
B.018
tCLK
CLK period
250
ns
B.019
tCLKH
Minimum CLK high time
100
ns
B.020
tCLKL
Minimum CLK low time
100
ns
B.021
tset CSN
CSN setup time, CSN low
before CLK rising
Active device in Normal
Mode, not in STBY
150
ns
B.022
twake_up
Minimum CSN low pulse
timing needed before the
first SPI access
Wake up from Standby to
Normal mode
150
µs
B.023
tset CLK
CLK setup time before CSN
rising
150
ns
B.024
tSDI(set)
SDI setup time before CLK
rising
25
ns
B.025
tSDI(hold)
SDI hold time
25
ns
B.026
tSDO(rise)
Rise time of SDO
CL=50 pF; guaranteed by
design
25
ns
B.027
tSDO(fall)
Fall time of SDO
CL=50 pF; guaranteed by
design
25
ns
B.028
ten DO tri H
CSN falling until SDO high
CL = 50 pF,
SDO=HZ t1”:
ILOAD=-1 mA; Pull-down load
to GND; Active device in
Normal Mode
50
100
ns
B.029
ten DO tri L
CSN falling until SDO low
SDO=HZ t0”: ILOAD=1 mA;
Pull-up load to VCC; Active
device in Normal Mode
50
100
ns
B.030
tSDO(wake) CSN falling until SDO valid
CL = 50 pF, ILOAD=-1 mA
Pull-down load to GND
0.15
1
ms
B.031
tdis DO H tri
CSN rising until SDO from
high to tristate
CL = 50 pF, ILOAD=-4 mA
Pull-down load to GND
Active device in Normal
Mode
50
100
ns
B.032
tdis DO L tri
CSN rising until SDO from
low to tristate
CL = 50 pF, ILOAD=4 mA
Pull-up load to VDD Active
device in Normal Mode
50
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com