Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 68 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 64Page - STMicroelectronics L99UDL01 Datasheet HTML 65Page - STMicroelectronics L99UDL01 Datasheet HTML 66Page - STMicroelectronics L99UDL01 Datasheet HTML 67Page - STMicroelectronics L99UDL01 Datasheet HTML 68Page - STMicroelectronics L99UDL01 Datasheet HTML 69Page - STMicroelectronics L99UDL01 Datasheet HTML 70Page - STMicroelectronics L99UDL01 Datasheet HTML 71Page - STMicroelectronics L99UDL01 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
Programmers guide
L99UDL01
68/88
DS12511 Rev 5
C/PWM_SW_x
The Current PWM Switch bit determines if the output will regulate the motor current directly
or just impose a specific PWM duty cycle (voltage regulation) per the OCPx_y bits above.
As the driving component, the driver is either regulating to a current level or is PWMming to
a specified duty cycle.
This only applies to the 6 internal half bridges. The external half bridges are not PWMmable.
6.2.4
Register 06H (external bridge VDS monitor and control)
This register sets up the drain source monitoring for the two external half bridges.
This register can be read or written to. All new data programmed into this register will be
acted upon the rising edge of CSN even during a timed actuation.
Three outputs
31
9.2 A
32
9.4 A
33
9.6 A
34
9.8 A
35
10 A
36
10.2 A
37
10.4 A
38
10.6 A
39
10.8 A
40
11 A
41
11.2 A
42
11.4A
43
11.6 A
44
11.8 A
45
12 A
Table 42. Current / duty cycle switch bit description
C/PWM_SW_x
Regulation type
0
Current Regulation
1
Voltage Regulation
Table 41. Current bit description (continued)
One output
Two outputs
Three outputs
Sum of 1
only
Current
Sum of 1+2
Current
Sum of
1+2+3
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com