Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 76 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 72Page - STMicroelectronics L99UDL01 Datasheet HTML 73Page - STMicroelectronics L99UDL01 Datasheet HTML 74Page - STMicroelectronics L99UDL01 Datasheet HTML 75Page - STMicroelectronics L99UDL01 Datasheet HTML 76Page - STMicroelectronics L99UDL01 Datasheet HTML 77Page - STMicroelectronics L99UDL01 Datasheet HTML 78Page - STMicroelectronics L99UDL01 Datasheet HTML 79Page - STMicroelectronics L99UDL01 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 88 page
background image
Programmers guide
L99UDL01
76/88
DS12511 Rev 5
Functional Error 2 (FE2)
The FE2 indicates logical OR combination of errors coming from supply monitoring type
faults as seen in Diagnostic Register 12H. These include:
Low voltage on VS
Over voltage on VS
Low voltage on VDD
Low voltage on 3V3
Charge Pump Low voltage
Functional Error 1 (FE1)
The FE1 is a logical OR combination of errors coming from output type faults. These faults
can be found in Diagnostic register 10H. These include:
Overcurrent fault
VDS fault
Device Error (DE)
The DE is a logical OR combination of errors related to device related to thermal events
such as thermal shutdown for each output as seen in Diagnostic register 02H.
Global Warning (GW)
The GW is a logical OR combination of all warning flags implemented in the design. These
include:
Thermal Warning
6.3.2
Register 10H Integrated H-Bridge diagnostic status register
This register contains the fault diagnostic information for the integrated H-Bridges.
This register can be read or read and cleared. Fault indications will not be cleared unless
asked to do so by op-code.
Figure 27. 10H integrated driver Diagnostic status register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
1
1
0
010000
Default Values
0000000000
00000
X
Table 52. 10H register bit description
Bit No.
Function
Level
State after Read
& Clear
Default
(after POR)
15
SPI_Fail
SCK count, SDI Stuck@ or parity error fails
Cleared
0
14
WRT_Fail
Data write fail
Cleared
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com