Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 79 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 75Page - STMicroelectronics L99UDL01 Datasheet HTML 76Page - STMicroelectronics L99UDL01 Datasheet HTML 77Page - STMicroelectronics L99UDL01 Datasheet HTML 78Page - STMicroelectronics L99UDL01 Datasheet HTML 79Page - STMicroelectronics L99UDL01 Datasheet HTML 80Page - STMicroelectronics L99UDL01 Datasheet HTML 81Page - STMicroelectronics L99UDL01 Datasheet HTML 82Page - STMicroelectronics L99UDL01 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
DS12511 Rev 5
79/88
L99UDL01
Programmers guide
87
6.3.3
Register 11H (dynamic output state register)
This register can be read (or read and cleared for diagnostic bits). This register reports the
dynamic state of an output as seen at the falling edge of CSN as well as the External
MOSFET controller fault status.
EXTFx_y
These bits provide fault diagnostic information for the external MOSFET drivers. Fault
indication is limited to drain source faults. A VDS (drain-source voltage) fault is indicated if
the Drain-Source voltage exceeds the programmed value (EXTx_VDSx) for longer than the
VDS filtering time (tVDS_FILTER) the output is disabled and a fault code is set.
Figure 28. 11H dynamic output status register
OC1
OC2
A5
A4
A3
A2
A1
A0
D 15 D 14 D 13 D 12 D 11 D 10
D 9
D 8
D 7
D 6
D 5
D 4
D 3D 2
D 1D 0
0
1
1
0
010001
Default Values
0000000000
00000
X
Table 54. 11H register bit description
Bit No.
Function
Level
State after SPI
Read & Clear
Default
(After POR)
15
VDDUV
VDD Under voltage
Cleared
14
STAT1
Device status bit 1
Cleared(1)
0
13
STAT0
Device status bit 0
Cleared(1)
0
12
DOS_EXT2
Dynamic Output State External Output 2
Read Only
0
11
DOS_EXT1
Dynamic Output State External Output 1
Read Only
0
10
DOS6
Dynamic Output State Output 6
Read Only
0
9
DOS5
Dynamic Output State Output 5
Read Only
0
8
DOS4
Dynamic Output State Output 4
Read Only
0
7
DOS3
Dynamic Output State Output 3
Read Only
0
6
DOS2
Dynamic Output State Output 2
Read Only
0
5
DOS1
Dynamic Output State Output 1
Read Only
0
4
EXTF2_1
External Output 2 Fault diagnostic bit 1
Cleared
0
3
EXTF2_0
External Output 2 Fault diagnostic bit 0
Cleared
0
2
EXTF1_1
External Output 1 Fault diagnostic bit 1
Cleared
0
1
EXTF1_0
External Output 1 Fault diagnostic bit 0
Cleared
0
0 LSB
Parity
Parity bit
1
1. It is recommended, if a read and clear operation is performed, that both the bits 14 and 13 are cleared at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com