Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
Device description
L99UDL01
16/88
DS12511 Rev 5
In all cases the CPLOW bit will remain set indicating that the charge pump was low since
the last read & clear of the register.
The charge pump frequency can be dithered to reduce the impact on radio frequency
emissions. This option is set via bit DITHN in register 03H. By default DITHN=0 and
dithering is enabled.
It is not recommended that the CP pin is used to power other circuits. The charge pump
current capability is intended only for the IC and reverse battery MOSFET. This supply
cannot be used for other circuits without potentially causing issues.
2.4
Output functionality
There are two groups with three drivers each. The three drivers in each group can be
paralleled or driven independently.
The output configuration registers identify which outputs are tied together for driving and
current regulation purposes.
The output configuration registers also provide for a range of current regulation levels and
on-time durations.
The set up prior to command an actuation requires the following global commands. These
are typically set at initialization and are not needed to be altered:
1.
If initiating a timed actuation by SPI command:
a)
After power on reset, with all registers cleared, raise the EN_OUT pin. If the
EN_OUT pin is hardwired no action needed.
2.
Register 00H:
a)
Set the desired PWM regulation frequency.
3.
Register 01H:
a)
No activity at this time.
4.
Register 02H:
a)
Set the on-time duration for the actuation.
b)
Set the braking time duration after the actuation.
c)
Disable any outputs not using dynamic braking (typically, these outputs would not
participate in the locking system).
5.
Register 03H:
a)
Set the groups. This determines which outputs are in parallel (if any).
b)
Set the Thermal shutdown reaction (Global or individual).
c)
Set the PWM frequency dithering on/off. Dithering is automatically on (DITH=0).
d)
Set the Global fault indication bit if desired.
6.
Register 04H and 05H
a)
Set the current regulation /PWM duty cycle levels for each of the outputs / groups.
If two internal switches are driving both ends of a load then only one should be
current regulating / PWMming.
7.
Register 06H
a)
Set the Drain-Source monitoring parameters (amplitude and duration) for the
external MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com