Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
Table 4. Operating Conditions...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ΔVDD_HV_18_
ANA
1.8V analog supply
voltage differential
group 1,14,17,16
-25
—
25
mV
Applies to VDD_ANA,
VREFH_ADC*, VDD_
HV_PLL*, VDD_HV_
FXOSC_PLL, VDD_
FIRC, VDD_EFUSE
—
ΔVSS_HV_18
1.8V supply ground
voltage differential
-25
—
25
mV
Applies to VSS,
VREFL_ADCn, VSS_
ADC
—
VRAMP_LV
LV supply voltage
ramp-up rate 1,18
0.001
—
10
V / ms
Applies to 0.8V
supplies
—
VRAMP_HV
HV supply voltage
ramp-up rate 1
0.001
—
10
V / ms
Applies to 1.8V
supplies, 3.3V I/O
supplies, and the 5V
ADC supply.
—
VAD_INPUT
ADC input voltage
range 1,19
VSS_AD
C - 0.35
—
VDD_AN
A + 0.25
V
—
—
IINJ_D
GPIO Input DC
Injection Current 1,20
-3
—
3
mA
Unpowered
—
IINJ_D
GPIO Input DC
Injection Current 1,21
0
—
5
uA
Powered
—
IINJ_A
SAR ADC Input DC
Injection Current 1,22
-20
—
20
uA
—
—
IINJ_LVDS
Max LVDS RX or
TX pin injection
current 1
0
—
0
uA
—
—
IMAXSEG
Maximum RMS
current per GPIO
supply domain 1
—
—
120
mA
—
—
1. The operating conditions in this table apply as required conditions for all other specifications in this document, unless
explicitly noted as an exception in another section of this document.
2. The stated maximum operating frequency must be observed when using the PLL with frequency modulation enabled.
Center-spread modulation is supported in cases where the nominal operating frequency plus half the modulation depth is
less than the stated maximum frequency.
3. Part numbers with a 10th character other than E have a lower maximum frequency at TJ = 150 °C or 125 °C (13th
character = M or V). See the "Ordering information" section.
4. Lifetime operation at Tj max not guaranteed. Standard automotive temperature profile assumed for performance and
reliability guarantees.
5. Voltage regulation must be set to the 0.825V level to allow for load fluctuation within the minimum and maximum VDD
values shown here and to achieve the power consumption specifications shown in this document.
6. The SAE J2716_2016 standard recommended circuit should be used when connecting SENT signals to the 3.3V
VDD_IO_BF and VDD_IO_H input pads.
7. The VDD_EFUSE supply must be maintained within specification during fuse programming. Failure to do this may result in
improper functionality of the device after fuse programming.
8. VDD_EFUSE must be grounded when not actively programming the fuses. This supply is not required to be powered for
fuse reads. See device hardware design guidelines document for more details.
9. Refer to the Power Sequencing section for the relationship of VDD_EFUSE powering up/down relative to the core,
high-voltage, and I/O supplies.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
16 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com