Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors S32Z2 Datasheet HTML 69Page - NXP Semiconductors S32Z2 Datasheet HTML 70Page - NXP Semiconductors S32Z2 Datasheet HTML 71Page - NXP Semiconductors S32Z2 Datasheet HTML 72Page - NXP Semiconductors S32Z2 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 138 page
background image
Table 28. SPI...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tSCK
SPI cycle time 2
40
—
10000
ns
Slave Transmit Mode
1
tCSC
PCS to SCK delay 4 20
—
10000
ns
—
2
tASC
After SCK delay 5
20
—
10000
ns
—
3
tSDC
SCK duty cycle
40
—
60
%
—
4
tA
Slave access time
—
—
40
ns
SS active to SOUT
valid
5
tDIS
Slave SOUT disable
time
—
—
15
ns
SS inactive to SOUT
hi-z or invalid
6
tPCSC
PCSx to PCSS time 13
—
—
ns
—
7
tPASC
PCSS to PCSx time 13
—
—
ns
—
8
tSUI
Input data setup
time 6,7
15
—
—
ns
Master, MTFE=0
9
tSUI
Input data setup
time 7,8
15 - N *
ipg_clk_d
spi_perio
d
—
—
ns
Master, MTFE=1,
CPHA=0, SMPL_PTR
= 1
9
tSUI
Input data setup
time 7
15
—
—
ns
Master, MTFE=1,
CPHA=1, SMPL_PTR
= 1
9
tSUI
Input data setup
time 7
2
—
—
ns
Slave Receive Mode
9
tHI
Input data hold
time 7
0
—
—
ns
Master, MTFE=0
10
tHI
Input data hold
time 7
0 + N *
ipg_clk_d
spi_perio
d
—
—
ns
Master, MTFE=1,
CPHA=0, SMPL_PTR
= 1
10
tHI
Input data hold
time 7
0
—
—
ns
Master, MTFE=1,
CPHA=1, SMPL_PTR
= 1
10
tHI
Input data hold
time 7
4
—
—
ns
Slave Receive Mode
10
tSUO
Output data valid
time (after SCK
edge) 9
—
—
5
ns
Master, MTFE=0 max
CLOAD=25pF, max
pad drive setting
11
tSUO
Output data valid
time (after SCK
edge) 9
—
—
5 +
ipg_clk_d
spi_perio
d
ns
Master, MTFE=1,
CPHA=0 max
CLOAD=25pF, max
pad drive setting
11
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
69 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com