Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors S32Z2 Datasheet HTML 47Page - NXP Semiconductors S32Z2 Datasheet HTML 48Page - NXP Semiconductors S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 138 page
background image
pad HV supply
0.8 V supply
POR_B
high-impedance
state
high-
impedance
state
high-impedance
or low state
(depending on POR_B)
indeterminate
state
RESET_B
indeterminate state
end threshold
ramp-up state
end threshold
Figure 23. Reset_b pad detailed behavior during power down
14 Peripheral Specifications
14.1 Clock and PLL Interfaces
14.1.1 Clock frequency ranges
The following table gives the frequency range minimum and maximums to use when programming the clock dividers on the device.
Table 18. Clock frequency ranges
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fP0_CTU_PER_
CLK
CTU clock frequency —
—
81
MHz
P0_CTU_PER_CLK
—
fP0_DSPI_CLK
SPI_0 and SPI_1
clock frequency
—
—
102
MHz
P0_DSPI_CLK
—
fP0_DSPI_MSC_
CLK
Micro second
channel clock
frequency
—
—
135
MHz
P0_DSPI_MSC_CLK
—
fP0_EMIOS_LCU_
CLK
eMIOS_0 clock
frequency
—
—
162
MHz
P0_EMIOS_LCU_CLK —
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
48 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com