Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 24Page - NXP Semiconductors S32Z2 Datasheet HTML 25Page - NXP Semiconductors S32Z2 Datasheet HTML 26Page - NXP Semiconductors S32Z2 Datasheet HTML 27Page - NXP Semiconductors S32Z2 Datasheet HTML 28Page - NXP Semiconductors S32Z2 Datasheet HTML 29Page - NXP Semiconductors S32Z2 Datasheet HTML 30Page - NXP Semiconductors S32Z2 Datasheet HTML 31Page - NXP Semiconductors S32Z2 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 138 page
background image
Table 10. GPIO Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
IOH_3318
1.8V/3.3V GPIO
output high current
at 3.3V 5
-35
—
-10
mA
SRE[2:0] = 101, 80% *
VDD_IO_*
—
IOH_3318
1.8V/3.3V GPIO
output high current
at 3.3V 5
-32
—
-10
mA
SRE[2:0] = 110, 80% *
VDD_IO_*
—
IOH_3318
1.8V/3.3V GPIO
output high current
at 3.3V 5
-32
—
-10
mA
SRE[2:0] = 111, 80% *
VDD_IO_*
—
IOL_3318
1.8V/3.3V GPIO
output low current at
3.3V 5
15
—
40
mA
SRE[2:0] = 000, 20% *
VDD_IO_*
—
IOL_3318
1.8V/3.3V GPIO
output low current at
3.3V 5
15
—
40
mA
SRE[2:0] = 100, 20% *
VDD_IO_*
—
IOL_3318
1.8V/3.3V GPIO
output low current at
3.3V 5
13
—
36
mA
SRE[2:0] = 101, 20% *
VDD_IO_*
—
IOL_3318
1.8V/3.3V GPIO
output low current at
3.3V 5
12
—
33
mA
SRE[2:0] = 110, 20% *
VDD_IO_*
—
IOL_3318
1.8V/3.3V GPIO
output low current at
3.3V 5
11
—
32
mA
SRE[2:0] = 111, 20% *
VDD_IO_*
—
IOH_33
3.3V GPIO output
high current 5
-40.1
—
-14.0
mA
SRE[2:0] = 100, 80% *
VDD_IO_*
—
IOH_33
3.3V GPIO output
high current 5
-36.2
—
-12.1
mA
SRE[2:0] = 101, 80% *
VDD_IO_*
—
IOH_33
3.3V GPIO output
high current 5
-32.0
—
-10.3
mA
SRE[2:0] = 110, 80% *
VDD_IO_*
—
IOH_33
3.3V GPIO output
high current 5
-29.0
—
-9.0
mA
SRE[2:0] = 111, 80% *
VDD_IO_*
—
IOL_33
3.3V GPIO output
low current 5
14.6
—
39.4
mA
SRE[2:0] = 000, 20% *
VDD_IO_*
—
IOL_33
3.3V GPIO output
low current 5
14.6
—
39.4
mA
SRE[2:0] = 100, 20% *
VDD_IO_*
—
IOL_33
3.3V GPIO output
low current 5
13.0
—
35.5
mA
SRE[2:0] = 101, 20% *
VDD_IO_*
—
IOL_33
3.3V GPIO output
low current 5
11.2
—
32.0
mA
SRE[2:0] = 110, 20% *
VDD_IO_*
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
28 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com