Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
Table 13. Aurora Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
consumption (No
pre-emphasis)
IDD_HV_AUR
Transmitter HV
supply current
consumption (pre-
emphasis enabled ,
pre-
emphasis gain=11)
25
30
40
mA
max fAURORA per
active transmit lane
—
VOD_AURORA_
AC
Transmitter
Differential output
voltage (end
termination) 1,2,3
400
600
900
mV
max fAURORA,
100Ω termination,
100Ω differential
transmission line delay,
matched network
—
VOD_AURORA_
DC
DC range for the
VOD
(Transmitter Differen
tial Output Voltage)
800
—
—
mV
ipp_obe=1 DC
condition
—
VOD_AURORA_
AC_PRE_EMPH
Transmitter
Differential output
voltage (end
termination,
preemph=11) 4,2,3
600
900
1200
mV
max fAURORA,
100Ω termination,
100Ω differential
transmission line delay,
matched network
—
VCM_AURORA
Transmitter
Common mode
voltage
0.775
—
1.025
V
—
—
VCM_LVDS_RX
Receiver input signal
common mode
range
0.6
—
1.0
V
—
—
VDIFF_LVDS_RX
Receiver input
differential signal
400
—
—
mV
—
—
CLOAD_AURORA Maximum
transmission line
load ( Lumped Load
at any point on
Tline )
—
—
0.1
pF
—
—
RTERM_AURORA Internal termination
resistance
80
100
130
Ohm
enabled
—
VSLEW_AURORA Differential output
slew rate
—
30
50
ps /
200mV
max fAURORA
—
TSTARTUP_
AURORA
Transmitter startup
time (assertion of
ipp_obe to common
—
—
500
ns
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
39 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com