Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 17Page - NXP Semiconductors S32Z2 Datasheet HTML 18Page - NXP Semiconductors S32Z2 Datasheet HTML 19Page - NXP Semiconductors S32Z2 Datasheet HTML 20Page - NXP Semiconductors S32Z2 Datasheet HTML 21Page - NXP Semiconductors S32Z2 Datasheet HTML 22Page - NXP Semiconductors S32Z2 Datasheet HTML 23Page - NXP Semiconductors S32Z2 Datasheet HTML 24Page - NXP Semiconductors S32Z2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
Table 6. Device Power and Operating Current Specifications...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
per cycle, does not
include power for other
I/O pins on the VDD_
IO_QSPI_1 supply.
IVDD_IO_QSPI_1
QuadSPI_1 A /
uSDHC I/O voltage
supply operating
current
—
—
130
mA
3.3V, Tj = 150C,
100MHz Octal mode,
DDR - clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle, does not
include power for other
I/O pins on the VDD_
IO_QSPI_1 supply.
—
IVDD_IO_QSPI_1
QuadSPI_1 B I/O
voltage supply
operating current
—
—
75
mA
3.3V, Tj = 150C,
50MHz Quad mode,
SDR - clocks 100%
activity rate, 50% data
rate, 1/2 data switching
per cycle, does not
include power for other
I/O pins on the VDD_
IO_QSPI_1 supply.
—
IVDD_IO_DDR
DDR I/O supply
operating current
—
100
—
mA
LPDDR4, VDD_IO_
DDR=1.1V, T=150C,
fsys_DDR=1600MHz
(1600MT/s), 60%
access rate of 1x16-
bit, (75% read; 25%
write), 1 rank, DBI on,
1/2 data lines switching
per read/write cycle,
60 Ohm transmit
termination, does not
include termination
current or external
memory current
—
1. Base dynamic power includes SMU, HSE, DMA, peripherals, and clocks. It excludes RTU, DDR, and FlexLLCE clocks and
domains.
2. Cortex-R52 core typical dynamic power based on Dhrystone running with 80% activity factor on all eight Cortex-R52 cores
and executing DMA on the platform with 100% activity factor. RTU0 and RTU1 each account for half the spec value.
3. Power includes MC_CGM_6 clocking current at 400MHz plus DDR access current and excludes IO_DDR.
4. FlexLLCE typical dynamic power includes FlexLLCE subsystem clocks and peripherals plus all cores running Dhrystone.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
21 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com