Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 34Page - NXP Semiconductors S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 138 page
background image
The RESET_B pad behavior described in the diagram and the related VRSE_RESET_B parameter spec also apply to the case
of core VDD droop after power-up.
pad HV supply
hardware reset
VIH
VIL
filtered by
hysteresis
filtered by
low pass filter
WF_RESET_B
WF_RESET_B
filtered by
lowpass filter
unknown reset
state
device under hardware reset
WNF_RESET_B
Figure 11. Noise filtering on RESET_B pad
During SoC power-up, the PMIC asserts the POR_B input before the SoC supplies are turned on and kept asserted until all
SoC supplies have reached their operational levels (i.e., all the corresponding voltage monitors in the PMIC have been satisfied)
and any required PMIC BIST has completed. See the ‘Power Sequencing’ section for details.
The PMIC asserts the POR_B input whenever one of its voltage detectors detects an SoC supply's voltage is outside its
operational range (i.e., a corresponding PMIC LVD or HVD event occurs).
11 Aurora Specifications
11.1 Aurora Pads
Table 13. Aurora Pads
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fAURORA
Data Rate
0.05
—
5.0
Gbps
100Ω external
termination ( Not on
board but inside
receiver after AC
coupling )
—
IDD_HV_AUR
Transmitter HV
supply current
18
22
31
mA
max fAURORA per
active transmit lane
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
38 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com