Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 138 page
background image
Table 1. Feature summary...continued
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
Cyclic Redundancy Check (CRC)
8
Communications
CANEXCEL (CANXL)
2
FlexCAN FD (CAN)
24
FlexRay Communication
Controller (FlexRay)
2 dual-channel
1 dual-channel or 2 single-
channel
LINFlexD
12
Ethernet (MAC)
2 Ethernet controllers supporting 10/100 Mbit/s MII/RMII and 10/100/1000 Mbit/s RGMII
Ethernet switch
1
Peripheral Sensor Interface (PSI5) 2 (4 channels each)
1 (4 channels)
Peripheral Sensor Interface-
Support Module (PSI5_S)
2
1
Serial Peripheral Interface (SPI)
10
8
MicroSecond Channel (MSC)
1 that includes 1 LINFlexD and 1 LVDS deserial SPI (DSPI)
Single Edge Nibble
Transmission (SENT)
2 (8 channels each)
1 (8 channels)
Zipwire
2
1
Improved Inter-Integrated
Circuit (I3C)
1
Low-Power Inter-Integrated
Circuit (LPI2C)
2
Security
Hardware Security Engine (HSE)
Yes
Lockstep AES encryption module
Yes
In-line Encryption Engine (IEE)
Yes
Functional safety
Safety
ISO 26262 Safety Element out of Context (SEooC) ASIL D
Flexible core recovery options
Memory Built-In Self-Test (MBIST) Yes
On-chip temperature sensors
and monitoring
Yes
Packaging
Temperature range
TA = –40 °C to 125 °C
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
7 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com