Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 93Page - NXP Semiconductors S32Z2 Datasheet HTML 94Page - NXP Semiconductors S32Z2 Datasheet HTML 95Page - NXP Semiconductors S32Z2 Datasheet HTML 96Page - NXP Semiconductors S32Z2 Datasheet HTML 97Page - NXP Semiconductors S32Z2 Datasheet HTML 98Page - NXP Semiconductors S32Z2 Datasheet HTML 99Page - NXP Semiconductors S32Z2 Datasheet HTML 100Page - NXP Semiconductors S32Z2 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 138 page
background image
3. Input signal timing assumes an input signal slew rate of 3ns (20%/80%).
SDx_CLK
Output from uSDHCv3 to card
SDx_DATA[7:0]
Input from card to uSDHCv3
SDx_DATA[7:0]
SD2
SD3
SD4
SD2
.......
.......
SD1
SD9
SD10
Figure 55. SD3.0/SDIO3.0/eMMC5.1 DDR Mode Interface Timing
14.4.2.2 uSDHC eMMC5.1 DDR-HS400
The SRE[2:0]=000 is required drive setting to meet the timing.
Data transitions measured at 35%/65% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 54. uSDHC eMMC5.1 DDR-HS400
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPP
Clock frequency 1
—
—
200
MHz
1.8V
SD1
tCL
Clock low time
2.2
—
—
ns
—
SD2
tCH
Clock high time
2.2
—
—
ns
—
SD3
tTLH
Clock rise time 1,2
—
—
0.8
ns
—
SD8
tTHL
Clock fall time 1,2
—
—
0.8
ns
—
SD9
tOD1
Output skew from
Edge of Data to
SCK 3,1
0.65
—
—
ns
—
SD4
tOD2
Output skew from
Edge of SCK to
Data 3,1
0.65
—
—
ns
—
SD5
tRQ
Input skew (data) 4
—
—
0.45
ns
—
SD6
tRQ
Input skew (CMD) 4,5 —
—
0.45
ns
—
SD8
tRQH
Hold skew (data) 4
—
—
0.45
ns
—
SD7
tRQH
Hold skew (CMD) 4,5 —
—
0.45
ns
—
SD9
tOD
uSDHC Output
delay 1
-1.2
—
0.6
ns
SDHC_CLK to SDHC_
CMD
—
1. Output timing valid for maximum external load CL = 15 pF (includes PCB trace, package trace (around 1-2pF) and flash
input load).
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
97 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com