Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 138 page
background image
Table 3. Absolute Maximum Ratings...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
voltage for each GPIO
pad type" figure below
V_OS_US_10
Voltage at 10 % of
tSIGNAL 18
-0.7
—
2.31
V
1.8V, See "SoC-pin
overshoot/undershoot
voltage for each GPIO
pad type" figure below
—
1. Absolute maximum ratings are stress ratings only, and functional operation beyond the operating condition maxima is not
guaranteed. Stress beyond the listed maxima may affect device reliability or cause permanent damage to the device. See
the operating conditions table for functional specifications.
2. Allowed 0.88V – 0.96V for 60 seconds cumulative over lifetime with no operating restrictions, 2.0 hours cumulative over
lifetime with device in reset, at maximum Tj = 150 °C
3. Allowed 1.92V - 2.16V for 60 seconds cumulative over lifetime with no operating restrictions, 2.6 hours cumulative over
lifetime with device in reset, at maximum Tj = 150 °C
4. Allowed 3.52V - 4.0V for 60 seconds cumulative over lifetime with no operating restrictions, 2.6 hours cumulative over
lifetime with device in reset, at maximum Tj = 150 °C
5. VEXTAL/ VXTAL (min) is for powered condition. VEXTAL/VXTAL (min) can be lower in unpowered condition.
6. Allowed for a cumulative duration of 50 hours operation over the lifetime of the device at maximum Tj, with VDD_ANA <=
1.92V, VSS_ADC = 0V. Allowed for unlimited duration if the device is unpowered.
7. The maximum input voltage on the ADC input pins tracks with the ADC supply maximum. For the injection current
condition, the voltage on the pin equals the supply voltage plus the voltage drop across the internal ESD protection diode
from ADC pin to supply. The diode voltage varies significantly across process and temperature, but a value of 0.5V can be
used for nominal calculations.
8. Absolute maximum DC VIN levels for a powered device are 3.82V and 2.22V, for 3.3V and 1.8V domains, respectively. For
powered devices when VIN ≥ VDD_IO*, VIN must simultaneously follow the constraint that VIN-VDD_IO* ≤ 0.3V for the DC
case. For unpowered devices, the allowed VIN max level is +0.9V. Unpowered devices must simultaneously follow IINJ_D
unpowered current injection constraints.
9. Absolute minimum DC VIN level for a powered device is -0.3V. For unpowered devices, the allowed VIN min level is -0.9V.
Unpowered devices must simultaneously follow IINJ_D unpowered current injection constraints.
10. DC case limit. Overshoot/Undershoot beyond this range is allowed, but only for the limited durations as constrained by
temporal percentages of tSIGNAL.
11. The maximum input voltage on the LVDS input pins tracks with the LVDS supply maximum. For the injection current
condition, the voltage on the pin equals the supply voltage plus the voltage drop across the internal ESD protection diode
from LVDS pin to supply. The diode voltage varies significantly across process and temperature, but a value of 0.35V can
be used for nominal calculations.
12. IINJ_D specifications are per pin for an unpowered condition of the associated supply. The maximum simultaneous
injection per supply is 30mA.
13. Non-disturb of ADC channels during current injection cannot be guaranteed. The degradation in channel performance
cannot be specified due to the dynamic operation of the ADC input mux and potential for varying charge distribution.
For the max +/-1mA DC injection quoted here, VAD_INPUT would be +0.5/-0.6V relative to VREFH_ADC/VREFL_ADC at
max Tj. ADC Output of the channel into which injection occurs will saturate depending on the direction of injection and for
the channels not subject to current injection Offset error would be -12 LSB to 6 LSB and TUE would be -12 LSB to 8 LSB.
14. Applies exclusively to ZipWire, differential DSPI, and Microsecond interfaces and does not apply to Aurora. Allowed for a
cumulative of 14 hours over lifetime of the device, with the device either unpowered, during power up/down, or powered. If
power cycling or fully powered, the device must be either in reset, or out of reset with LVDS disabled.
15. Solder profile per IPC/JEDEC J-STD-020D.
16. Moisture sensitivity per JEDEC test method A112.
17. For AC Signals in a 3.3V supply domain, if VDD_IO ≤ 3.3V, max VIN overshoot is limited to VDD_IO+20%. If VDD_IO >
3.3V, then max VIN overshoot is limited to 4V.
18. For AC Signals in a 1.8V supply domain, max VIN overshoot is limited to VDD_IO+20% for 10% of tSIGNAL.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
12 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com