Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
Table 3. Absolute Maximum Ratings...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VAD_INPUT
ADC input voltage
range 1,6,7
VSS_AD
C -0.6
—
VDD_AN
A +0.5
V
—
—
VIN
GPIO input voltage
range 1,8,9,10
VSS - 0.3 —
VDD_IO_
* + 0.3
V
—
—
VIN_LVDS
LVDS input
range 1,11
VSS-0.3 —
VDD_HV
_IO_LVD
S + 0.35
V
VDD_HV_IO_LVDS
<=1.92V
—
IINJ_D
Maximum DC
current injection
digital I/O pin 1,12
-3
—
3
mA
—
—
IINJ_A
Maximum DC
current injection
analog input
pin 1,13,6
-1
—
1
mA
—
—
IINJ_LVDS
Max LVDS RX or
TX pin injection
current 1,14
0
—
100
uA
—
—
IMAXSEG
Maximum RMS
current per GPIO
supply domain
(VDD_IO_*) 1
—
—
140
mA
—
—
TSTG
Storage temperature
range 1
-55
—
150
C
—
—
TSDR
Maximum solder
temperature 1,15
—
—
260
C
Pb free
—
MSL
Moisture Sensitivity
Level 1,16
—
—
3
—
—
—
V_OS_US_10
Voltage at 10 % of
tSIGNAL 17
-0.4
—
3.7
V
3.3V, See "SoC-pin
overshoot/undershoot
voltage for each GPIO
pad type" figure below
—
V_OS_US_7p5
Voltage at 7.50 % of
tSIGNAL 17
-0.5
—
3.8
V
3.3V, See "SoC-pin
overshoot/undershoot
voltage for each GPIO
pad type" figure below
—
V_OS_US_2p5
Voltage at 2.50 % of
tSIGNAL 17
-0.6
—
3.9
V
3.3V, See "SoC-pin
overshoot/undershoot
voltage for each GPIO
pad type" figure below
—
V_OS_US_1p6
Voltage at 1.60 % of
tSIGNAL 1,4,17
-0.7
—
4
V
3.3V, See "SoC-pin
overshoot/undershoot
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
11 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com