Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 38Page - NXP Semiconductors S32Z2 Datasheet HTML 39Page - NXP Semiconductors S32Z2 Datasheet HTML 40Page - NXP Semiconductors S32Z2 Datasheet HTML 41Page - NXP Semiconductors S32Z2 Datasheet HTML 42Page - NXP Semiconductors S32Z2 Datasheet HTML 43Page - NXP Semiconductors S32Z2 Datasheet HTML 44Page - NXP Semiconductors S32Z2 Datasheet HTML 45Page - NXP Semiconductors S32Z2 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 138 page
background image
CLOCKREF -
CLOCKREF +
Tx Data +
Tx Data -
Tx Data [n]
Tx Data [m]
Tx Data [n+1]
Zero Crossover
Zero Crossover
Zero Crossover
Zero Crossover
Ideal Zero Crossover
1
2
3
3
3
4
4
5
For spec number 1, see Aurora PLL specifications
For rest, see Aurora port specifications
Figure 14. Aurora Debug Port Timing
11.3 Aurora PLL
The following table gives the operating frequencies and characteristics of the Aurora PLL. The operating frequencies correspond
to the supported Aurora data trace lane speed. The Aurora PLL works from an external 100MHz input reference clock, and
achieves a maximum output frequency of 5GHz.
Table 15. Aurora PLL
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fPLL_CLKIN
Aurora PLL Input
Reference Clock
Frequency 1,2,3
40
—
100
MHz
—
—
fPLL_CLKIN_PFD
Aurora PLL Phase
Detector Clock
Frequency 4
—
100
—
MHz
—
—
ΔfPLL_CLKIN
Aurora PLL Input
Reference Clock
Duty Cycle 1
40
—
60
%
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
42 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com