Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 83Page - NXP Semiconductors S32Z2 Datasheet HTML 84Page - NXP Semiconductors S32Z2 Datasheet HTML 85Page - NXP Semiconductors S32Z2 Datasheet HTML 86Page - NXP Semiconductors S32Z2 Datasheet HTML 87Page - NXP Semiconductors S32Z2 Datasheet HTML 88Page - NXP Semiconductors S32Z2 Datasheet HTML 89Page - NXP Semiconductors S32Z2 Datasheet HTML 90Page - NXP Semiconductors S32Z2 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 138 page
background image
FLSHCR[TCSS] and FLSHCR[TCSH] should be set to 2.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 43. QuadSPI Quad 1.8V DDR 80MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency 1,2
—
—
80
MHz
—
—
tCL_SCK
SCK clock low
time 1,2
5.625
—
—
ns
—
—
tCH_SCK
SCK clock high
time 1,2
5.625
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK) 2
2.316
—
3.609
ns
—
—
tOD_CSL
CS low to clock
high 2
10.041
—
—
ns
—
—
tOD_CSH
Clock low to CS
high 2
10.041
—
—
ns
—
—
tDVW
Input data valid
window 1
3.909
—
—
ns
—
—
1. Input timing assumes maximum input signal transition of 1ns (20%/80%).
2. Output timing valid for maximum external load CL = 20 pF (includes PCB trace, package trace (around 1-2pF) and flash
input load).
14.4.1.3 QuadSPI Quad 1.8V SDR 133MHz
The SRE[2:0]=100 for 33GPIO pads and SRE[2:0]=101 for 3318 pads is the required drive setting to meet the timing.
FLSHCR[TCSS] and FLSHCR[TCSH] should be set to 2.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 44. QuadSPI Quad 1.8V SDR 133MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency 1,2,3
—
—
133
MHz
DLL and Auto-Learning
mode enabled
—
tCL_SCK
SCK low time 1,3
3.383
—
—
ns
—
—
tCH_SCK
SCK high time 1,3
3.383
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK) 3
-0.594
—
1.594
ns
—
—
tOD_CSL
CS low to clock
high 3
6.391
—
—
ns
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
87 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com