Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 3 Page - NXP Semiconductors

  S32Z2 Datasheet HTML 1Page - NXP Semiconductors S32Z2 Datasheet HTML 2Page - NXP Semiconductors S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
Cortex-R52 core
Real-Time Unit 0 (4 x Cortex-R52 core)
Ethernet acceleration
Ethernet subsystem (NETC)
Neon / DP FPU
3xTCM 64/16/16 KB
10 Mb/100 Mb/1 Gb
MAC
10 Mb/100 Mb/1 Gb
MAC
32 KB L1I
16 KB L1D
Cortex-R52 core
Neon / DP FPU
3xTCM 64/16/16 KB
ENET Switch
32 KB L1I
16 KB L1D
System control unit and safety
Power control, clocks, reset
BootROMs
PMIC interface (SPI / I2C)
Domain resource partitioning (XRDC)
VFCCU
MBIST, LBIST
Debug
Security
Hardware Security Engine (HSE)
Cortex-M7 core
Secure memory
Symmetric / asymmetric cryptos
Zipwire x2
FlexRay x2
1.8 V 12-bit SAR ADC x2 (8 ch total)
SINC filter
SPI x10, MSC x1
CAN XL x2
16-ch SENT
LINFlexD x12
I3C x1, I2C x2
PSI5 x2, PSI5_S x2
RNG
Physical protection
Lifecycle
E-Fuses
Connectivity and interfaces
Memory
19 MB total SRAM with ECC
0/16/32/64 MB embedded NVM
512 KB data flash memory with ECC
LPDDR4 (flash memory or DRAM) with ECC + IEE
QuadSPI NOR flash memory interface + OTFAD
eMMC/SDHC NAND flash memory interface
HyperRAM interface with inline ECC
Auto communication acceleration
FlexLLCE
FlexCAN FD x24
Cortex-M33
768 KB SRAM
Cortex-M33
Security offload
Timestamping
Real-Time Unit 1 (4 x Cortex-R52 core)
Cortex-R52 core
Neon / DP FPU
3xTCM 64/16/16 KB
32 KB L1I
16 KB L1D
System Manager
(Cortex-M33 core pair)
Cortex-M33 core
8 KB L1 l and D
Math/ML
acceleration
32 KB I-cache
TCM 256 KB
FP Vector DSP
Cortex-R52 core
Neon / DP FPU
3xTCM 64/16/16 KB
32 KB L1I
16 KB L1D
FlexPWM x2, eTimer x4, CTU x3
eMIOS x2, 4-cluster GTM v4.x
3.3/5 V 12-bit SAR ADC x5 (68 ch total)
Figure 1. Chip block diagram
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
3 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com