Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 58Page - NXP Semiconductors S32Z2 Datasheet HTML 59Page - NXP Semiconductors S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors S32Z2 Datasheet HTML 62Page - NXP Semiconductors S32Z2 Datasheet HTML 63Page - NXP Semiconductors S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 138 page
background image
Table 24. LFAST PLL...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
DJ
PLL Long Term
Deterministic Jitter 2
—
80
—
ps
VCO clock measured
over 100us acquisition
period with a transmit
load of 100ohm.
—
TOT_jitter
Total Jitter 2
—
1.09
1.31
ns
BER = 10e-9
—
1. 40us max tLOCK assumes fPLL_CLKIN = 26MHz and default compare_clk_cycle value of 1040. Slower fPLL_CLKIN
frequencies will increase tLOCK. tLOCK = (1/fPLL_CLKIN) * compare_clock_cycles, where register bits PLLCR[PLCKCW]
select compare_clock_cycles from values:00-1040 (default), 01-520, 10-320, 11-200
2. Specification not valid when the LFAST PLL input clock is FIRC_CLK.
14.2 Timer Modules
14.2.1 eMIOS
Table 25. eMIOS
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tMIPW
eMIOS input pulse
width 1
4
—
—
tPER_CL
K
—
—
tMOPW
eMIOS output pulse
width 1,2
1
—
—
tPER_CL
K
—
—
1. tPER_CLK is the period of the peripheral clock (PER_CLK) on the device.
2. Actual output pulse may be larger when considering a slow transitioning output.
eMIOS
output
eMIOS
input
tMIPW
tMOPW
Figure 24. EMIOS Timing
14.3 Communication Modules
14.3.1 I3C
On this chip, the I3C module supports features and functionality of only the I2C protocol. It does not support additional features
and functionality of the I3C protocol.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
62 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com