Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 138 page
background image
2. Device failure is defined as: "If after exposure to ESD pulses, the device does not meet the device specification
requirements."
3. This parameter is tested in conformity with AEC-Q100-002
4. This parameter is tested in conformity with AEC-Q100-011.
4 Absolute Maximum Ratings
This table defines the absolute maximum ratings for the device in terms of reliability characteristics. Absolute maximum rating
specifications are stress ratings only, and functional operation is not guaranteed under these conditions. Functional operating
conditions are given in the Operating Conditions section of this document.
All specifications associated with VIN are measured at the SoC pin.
NOTE
Table 3. Absolute Maximum Ratings
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD
Core voltage
Supply 1,2
-0.3
—
0.96
V
—
—
VSS
Ground Supply 1
-0.3
—
0.3
V
—
—
VDD_LV_PLL_AUR Aurora PLL digital
voltage supply 1,2
-0.3
—
0.96
V
—
—
VDD_ANA
Supply detector high
voltage supply for
PMC, ADC voltage
supply, TMU voltage
supply 1,3
-0.3
—
2.16
V
Reference to VSS_
ADC for ADC
—
VDD_HV_FXOSC_
PLL
FXOSC and PLL
high voltage
supply 1,3
-0.3
—
2.16
V
Reference to VSS for
FXOSC
—
VDD_FIRC
FIRC high voltage
supply 1,3
-0.3
—
2.16
V
—
—
VDD_EFUSE
EFUSE high voltage
supply 1,3
-0.3
—
2.16
V
—
—
VDD_IO_x
GPIO 3.3V supply 1,4 -0.3
—
4
V
VDD_IO_A_J_POR,
VDD_IO_B, VDD_IO_
BF, VDD_IO_CD,
VDD_IO_EG (21x21
and 17x17 packages),
VDD_IO_EIG (27x27
package), VDD_IO_H,
VDD_IO_I (21x21 and
17x17 packages)
—
VDD_IO_QSPI_0
QuadSPI_0 A I/O
voltage supply 1,3
-0.3
—
2.16
V
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
9 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com