Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 80Page - NXP Semiconductors S32Z2 Datasheet HTML 81Page - NXP Semiconductors S32Z2 Datasheet HTML 82Page - NXP Semiconductors S32Z2 Datasheet HTML 83Page - NXP Semiconductors S32Z2 Datasheet HTML 84Page - NXP Semiconductors S32Z2 Datasheet HTML 85Page - NXP Semiconductors S32Z2 Datasheet HTML 86Page - NXP Semiconductors S32Z2 Datasheet HTML 87Page - NXP Semiconductors S32Z2 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 138 page
background image
1. In the equations provided for Min and Max values, tENET_CLK is the NETC system clock period in nanoseconds, EHOLD
and MDIO_HOLD are the actual values programmed into these register fields, and "MDC clock" is the MDC clock period in
nanoseconds.
MDC (output)
MDC14
MDC12 MDC13
MDC11
MDC10
MDC15
MDIO (output)
MDIO (input)
MDC00
Figure 48. MDC / MDIO Timing
14.3.8 SENT Interface
Table 39. SENT Interface
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tFALL
Maximum SENT
input signal fall time
transition 1,2,3,4
—
—
2.17
UI
SAE J2716 SENT
standard complied with
in the application, SAE
J2716 recommended
RC input filter used in
the application
—
1. By ensuring that the input fall transition is within the specification, SENT calibration and data bit errors are guaranteed
not to occur as a result of variation in the input switching threshold level of the SENT input pin on the device. Switching
threshold level variation is due to input signal noise, supply noise, and temperature drift.
2. This value is the ratio of the maximum 6.5uS fall time and minimum 3uS clock (UI), and assumes the transmit, clock, and
measurement error tolerances as defined by the SAE 2716 SENT standard.
3. Input hysteresis enabled on I/O pads with selectable enable/disable (per the SAE 2716 SENT standard). Does not apply to
pads without hysteresis control. In this case, the SENT module glitch filter should be used to reject false transitions. SRX
programmable filter should be set to a value closest to 1/10th of a bit time where the max value of 128 is sufficient for long
bit times.
4. SENT inputs are supported at 3.3V on the device, with assumption that the input levels scale linearly for the recommended
3.3V circuit in the SAE 2716 SENT standard. The device does not support 1.8V or 5V SENT inputs.
14.3.9 CAN
See GPIO pads for CAN specifications.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
84 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com