Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 30Page - NXP Semiconductors S32Z2 Datasheet HTML 31Page - NXP Semiconductors S32Z2 Datasheet HTML 32Page - NXP Semiconductors S32Z2 Datasheet HTML 33Page - NXP Semiconductors S32Z2 Datasheet HTML 34Page - NXP Semiconductors S32Z2 Datasheet HTML 35Page - NXP Semiconductors S32Z2 Datasheet HTML 36Page - NXP Semiconductors S32Z2 Datasheet HTML 37Page - NXP Semiconductors S32Z2 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 138 page
background image
Table 11. LVDS Pads...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDIFF_LVDS_TX
Transmitter
Differential output
voltage
180
300
450
mV
max fLVDS, 100ohm
external termination /
50ohm Tx line delay,
matched network
—
VCM_LVDS_TX
Transmitter Output
Common mode
voltage
0.775
—
1.025
V
Applies to Aurora,
CLKOUT LVDS TX and
Zipwire
—
VCM_LVDS_TX
Transmitter Output
Common mode
voltage
1.05
—
1.37
V
Applies to SPI/MSC
—
CLOAD_LVDS
Maximum
transmission line
load(Not lumped but
distributed over the
Tline)
—
—
10
pF
—
—
RTERM_LVDS
Internal termination
resistance
80
100
130
Ohm
transmitter and
receiver
—
VSLEW_LVDS
Differential output
slew rate
0.2
—
—
V/nS
max fLVDS
—
TSTARTUP_
LVDS_TX
Transmitter startup
time (transmitter
ready after enabling)
—
—
1.5
us
Includes reference
startup time
—
TEYE_LVDS
Valid data region
0.8
—
—
UI
transmitter, max
fLVDS, includes PLL
jitter
—
VOH_LVDS
Transmitter output
high indicator
LVDS I/O
Supply /
2 + 0.1
—
—
V
100ohm termination
—
VOL_LVDS
Transmitter output
low indicator
—
—
LVDS I/O
Supply /
2 - 0.1
V
100ohm termination
—
VCM_LVDS_RX
Receiver Input signal
common mode
range 1
0.225
—
VDD_HV
_IO_LFA
ST -
0.225
V
—
—
VDIFF_LVDS_RX
Receiver differential
input voltage 2,1
100
—
450
mV
—
—
ΔF_RX_PAD_
CORE
Duty Cycle output
from Receiver pad to
core side port
40
—
60
%
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
34 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com