Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 138 page
background image
Table 3. Absolute Maximum Ratings...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VDD_IO_QSPI_1
QuadSPI_1 A and
B / uSDHC I/O
voltage supply 1,4
-0.3
—
4
V
—
—
VDD_HV_IO_
LFAST
LFAST I/O voltage
supply 1,3
-0.3
—
2.16
V
—
—
VDD_IO_MSC
Microsecond
channel IO voltage
supply 1,3
-0.3
—
2.16
V
—
—
VDD_IO_AUR
Aurora 1.8V I/O
supply 1,3
-0.3
—
2.16
V
—
—
VDD_IO_DDR0
DDR0 I/O voltage
supply 1
-0.3
—
2.16
V
—
—
VDD_IO_ETH_n
ETH n I/O 1.8/3.3V
supply 1,4
-0.3
—
4
V
—
—
VSS_ADC
ADC ground
supply 1
-0.3
—
0.3
V
Reference to VSS
—
VDD_HV_PLL_
AUR
Aurora PLL high
voltage supply 1,3
-0.3
—
2.16
V
—
—
VDD_HV_PLL_
DDR0
DDR PLL voltage
supply 1,3
-0.3
—
2.16
V
On the 17x17 package,
VDD_HV_PLL_DDR0
must be connected to a
1.8V supply.
—
VDD_HV_
LFASTPLL_n
LFAST PLL high
voltage supply 1,3
-0.3
—
2.16
V
—
—
VDD_DDR0
DDR0 high voltage
supply 1,3
-0.3
—
2.16
V
DDR PHY PLL + SoC
DDR reference PLL
—
VEXTAL
FXOSC EXTAL input
voltage range 1,3,5
-0.3
—
2.16
V
—
—
VXTAL
FXOSC XTAL input
voltage range 1,3,5
-0.3
—
2.16
V
—
—
VREFH_ADCn
ADC reference high
voltage (n=0, 1) 1,3
-0.3
—
2.16
V
Reference to VREFL_
ADCn
—
VREFL_ADCn
ADC reference low
voltage (n=0, 1) 1
-0.3
—
0.3
V
Reference to VSS
—
VCC_FLASH
Flash 1.8V voltage
supply 1,3
-0.3
—
2.16
V
—
—
VCCQ_FLASH
Flash 1.8V buffer
voltage supply 1,3
-0.3
—
2.16
V
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
10 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com