Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors S32Z2 Datasheet HTML 62Page - NXP Semiconductors S32Z2 Datasheet HTML 63Page - NXP Semiconductors S32Z2 Datasheet HTML 64Page - NXP Semiconductors S32Z2 Datasheet HTML 65Page - NXP Semiconductors S32Z2 Datasheet HTML 66Page - NXP Semiconductors S32Z2 Datasheet HTML 67Page - NXP Semiconductors S32Z2 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 138 page
background image
Table 26. I3C timing when communicating with Legacy I2C devices...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
trDA
SDA signal rise time —
—
120
ns
1 MHz/FM+
—
tfDA
SDA signal fall
time 1
—
—
300
ns
400 kHz/FM
—
tfDA
SDA signal fall
time 1
—
—
120
ns
1 MHz/FM+
—
tSU_STO
Setup time for STOP 600
—
—
ns
400 kHz/FM
—
tSU_STO
Setup time for STOP 260
—
—
ns
1 MHz/FM+
—
tBUF
Bus free time
between a stop and
a start
1.3
—
—
us
400 kHz/FM
—
tBUF
Bus free time
between a stop and
a start
0.5
—
—
us
1 MHz/FM+
—
1. Minimum time depends on bus loading. SRE of 111b should be used.
tHD_DAT
trDA
tfDA
Sr
Sr
P
0.7 x VDD
0.3 x VDD
SDA
tSU_STA
tHD_STA
tfCL
tHIGH
tHIGH
tLOW
tLOW
trCL
tSU_DAT
tSU_STO
0.7 x VDD
0.3 x VDD
SCL
= Open Drain With Weak Pullup
= High Speed Active Push-Pull Drive
Figure 25. Legacy mode timing
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
64 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com