Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors S32Z2 Datasheet HTML 13Page - NXP Semiconductors S32Z2 Datasheet HTML 14Page - NXP Semiconductors S32Z2 Datasheet HTML 15Page - NXP Semiconductors S32Z2 Datasheet HTML 16Page - NXP Semiconductors S32Z2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
VDD_IO*
VSS
tSIGNAL
Maximum
overshoot
Minimum
undershoot
Overshoot/undershoot period
VSS - 0.3V
VDD_IO*
(oper. condition) + 5%
(Minimum possible period on a particular pin
Figure 3. Soc-pin overshoot/undershoot voltage for each GPIO pad type
5 Operating Conditions
The following table describes the functional operating conditions for the device, and for which all specifications in this datasheet
are valid, except where explicitly noted. Device behavior is not guaranteed for operation outside of the conditions in this table.
All specifications associated with VIN are measured at the SoC pin.
NOTE
Table 4. Operating Conditions
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSYS_R52
Cortex-R52
core operating
frequency 1,2,3
—
—
1
GHz
TJ = 125 °C, part
number 10th character
= E and 13th character
= V
—
fGTM
GTM clock
frequency 1
—
—
400
MHz
—
—
fHRESPWM
Digital NanoEdge
clock frequency 1
—
—
1620
MHz
—
—
Tj
Junction
Temperature
Range 1,4
-40
—
150
C
—
—
Ta
Ambient
Temperature
Range 1
-40
—
125
C
—
—
VSS
Ground Supply 1
—
0
—
V
—
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
13 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com