Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors S32Z2 Datasheet HTML 10Page - NXP Semiconductors S32Z2 Datasheet HTML 11Page - NXP Semiconductors S32Z2 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 138 page
background image
Table 1. Feature summary...continued
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
TJ maximum = 150 °C
2 Ordering information
Product type/brand
GTM timer
Application family
32
Z
2
0
A
M
8
R
A
Package code
Shipping method
K0
Fab and mask revision
XX
Temperature range
Product type
Flash memory size
13th character
Temperature range
M = -40°C to 125°C TA (150°C TJ)
V = -40°C to 105°C TA (125°C TJ)
1st character
Qualification status
P = Engineering prototype samples
S = Automotive qualified product
Family designation
Qualification status
S
4th character
Application family
Z = Discrete controller
E = Controller + actuation
5th character
Family designation
2 = 16 nm, 8-core
16th character
Shipping method
T = Tray
R = Tape and reel
11th character
Fab of digital die
K = TSMC14
2nd and 3rd characters
Product type/brand
32 = Automotive microcontroller/microprocessor
6th character
GTM 4.x timer
7 = Without GTM
8 = With GTM
7th character
Flash memory size: All S32Z2 devices have 0 MB.
0 = 0 MB
7 = 16 MB
8 = 32 MB
9 = 64 MB
8th character
Product type
A = Standard security
S = Premium security
14th and 15th characters
Package code
JE = 17 mm x 17 mm, 0.8 mm pitch, 400 MAPBGA
JF = 21 mm x 21 mm, 0.8 mm pitch, 594 MAPBGA
JG = 27 mm x 27 mm, 0.8 mm pitch, 975 MAPBGA
9th character
DSP/ML
A = No DSP/ML
B = DSP/ML
C
12th character
Mask revision of digital die
0 = Initial production version
10th character
Arm Cortex-R52 core frequency
B = 600 MHz
C = 800 MHz
D = 900 MHz
E = 1 GHz
DSP/ML
Cortex-R52 core frequency
1
2-3
4
5
6
7
8
9
10
11-12
13
14-15
16
Figure 2. Ordering information
3 Electrostatic Discharge (ESD) Characteristics
The following table gives the ESD ratings and test conditions for the device.
Table 2. Electrostatic Discharge (ESD) Characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
—
ESD Human Body
Model (HBM) 1,2,3
—
—
2000
V
All pins
—
—
ESD Charged
Device Model
(CDM) 1,2,4
—
—
250
V
All pins
—
1. All ESD testing conforms with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
8 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com