Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 5 Page - NXP Semiconductors

  S32Z2 Datasheet HTML 1Page - NXP Semiconductors S32Z2 Datasheet HTML 2Page - NXP Semiconductors S32Z2 Datasheet HTML 3Page - NXP Semiconductors S32Z2 Datasheet HTML 4Page - NXP Semiconductors S32Z2 Datasheet HTML 5Page - NXP Semiconductors S32Z2 Datasheet HTML 6Page - NXP Semiconductors S32Z2 Datasheet HTML 7Page - NXP Semiconductors S32Z2 Datasheet HTML 8Page - NXP Semiconductors S32Z2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 138 page
background image
Table 1. Feature summary...continued
Feature
S32E2
S32Z2
Package: MAPBGA with
0.8 mm pitch
27 mm × 27 mm with 975 balls
21 mm × 21 mm with
594 balls
17 mm × 17 mm with
400 balls
Arm Neon SIMD technology
8 Neon—1 per core
Floating-Point Unit (FPU)
1 single-precision FPU per core
1 double-precision FPU (Neon) per core
Tightly Coupled Memory (TCM)
Per core:
TCM instance
Size
Wait states
TCMA
64 KB
1
TCMB
16 KB
0
TCMC
16 KB
1
Cache memory
32 KB I-cache and 16 KB D-cache per core
L2 cache memory
2 MB, reusable as code RAM: 1 MB per core cluster
System manager core
1 Arm Cortex-M33 processor lockstep pair
Memory
Data RAM
2 MB arranged as 1 MB per core cluster
Code RAM
14 MB arranged as 7 MB per core cluster
System RAM
1 MB
Flash memory
0, 16, 32, or 64 MB, with ECC
Zero-downtime OTA support
—
Electrically Erasable
Programmable Read-Only
Memory (EEPROM)
512 KB: arranged as eight
64 KB sectors, with 4
read-while-write partitions for
EEPROM emulation
—
Memory protection
Core Memory Protection
Unit (MPU)
Level 1: 20 regions
Level 2: 20 regions for hypervisor support
Extended Resource Domain
Controller (XRDC)
16 domains (region descriptors allocated for each peripheral and 16 for SRAM)
Accelerators
Math coprocessor (optional)
25 GFLOPs
External memory interfaces
LPDDR flash memory /
DRAM interface
LPDDR4-1600 (×16, 800 MHz)
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
5 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com