Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors S32Z2 Datasheet HTML 57Page - NXP Semiconductors S32Z2 Datasheet HTML 58Page - NXP Semiconductors S32Z2 Datasheet HTML 59Page - NXP Semiconductors S32Z2 Datasheet HTML 60Page - NXP Semiconductors S32Z2 Datasheet HTML 61Page - NXP Semiconductors S32Z2 Datasheet HTML 62Page - NXP Semiconductors S32Z2 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 138 page
background image
2. For SoC clocks that are further divided down from the DFS output clock, the jitter is multiplied by a factor of SQRT(N),
where N is the ratio of the DFS output clock and destination clock periods.
3. Jitter value does not apply when the DFS clock is output on an external pin. In this case, the rise and fall time variations in
the I/O pad are orders of magnitude more than the DFS and SoC mux jitter contributions.
Peripheral DFS output clock min jitter=Min(PER_jitter(PLL))*(sqrt(N))+Min(PER_jitter(DFS)). Peripheral DFS output clock max
jitter=Max(PER_jitter(PLL))*(sqrt(N)) +Max(PER_jitter(DFS)). Where N is the DFS division factor. All jitter numbers are in ps.
14.1.4 FXOSC
Table 21. FXOSC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fXTAL
Input Frequency
Range 1,2
20
—
40
MHz
Crystal mode
—
TCST
Crystal Startup Time —
—
2
ms
Crystal mode - time to
stable duty cycle when
EOCV is set to 1 ms
period
—
TCST
Crystal Startup Time —
—
2
ms
Crystal mode - time to
stable duty cycle when
EOCV is set to 1 ms
period
—
fBYP_SE
FXOSC Bypass
Frequency
20
—
40
MHz
single-ended bypass
mode
—
VIH_EXTAL
EXTAL Input High
Level 3
VCM_SE
+ 0.3
—
VDD_HV
_FXOSC
_PLL
V
Single-ended bypass
mode
—
VIL_EXTAL
EXTAL Input Low
Level 3
0
—
VCM_SE
- 0.3
V
Single-ended bypass
mode
—
ΔfXTAL_CLK
Input Clock Duty
Cycle
47.5
—
52.5
%
Bypass mode
—
CLOAD
XTAL/EXTAL pin
load capacitance 4
—
8
—
pF
Crystal mode
—
CS_XTAL
XTAL/EXTAL
pin on-chip
stray capacitance 4
—
—
3
pF
—
—
VCM_SE
Common Mode
Voltage for Single
ended Bypass
—
VDD_HV
_FXOSC
_PLL / 2
—
mV
—
—
Leakage_injection
EXTAL injection
current
-50
—
100
nA
Mean current flowing
into EXTAL in crystal
mode
—
Leakage_extal
External Leakage on
EXTAL Pin
-20
—
20
nA
Bypass mode, 0.5V
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
59 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com