Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S32Z2 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # S32Z2
Description  Introduction: S32E2/S32Z2 Family
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32Z2 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button S32Z2 Datasheet HTML 48Page - NXP Semiconductors S32Z2 Datasheet HTML 49Page - NXP Semiconductors S32Z2 Datasheet HTML 50Page - NXP Semiconductors S32Z2 Datasheet HTML 51Page - NXP Semiconductors S32Z2 Datasheet HTML 52Page - NXP Semiconductors S32Z2 Datasheet HTML 53Page - NXP Semiconductors S32Z2 Datasheet HTML 54Page - NXP Semiconductors S32Z2 Datasheet HTML 55Page - NXP Semiconductors S32Z2 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 138 page
background image
Table 18. Clock frequency ranges...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fP2_SYS_CLK
P2 system clock
frequency
—
—
400
MHz
P2_SYS_CLK
—
fP2_SYS_DIV2_
CLK
P2 system div2 clock
freqeuncy
—
—
200
MHz
P2_SYS_DIV2_CLK
—
fP2_SYS_DIV4_
CLK
P2 system div4 clock
frequency
—
—
100
MHz
P2_SYS_DIV4_CLK
—
fP3_AES_CLK
Reference for
AES_ACCEL timers
—
—
1.01
MHz
P3_AES_CLK
—
fP3_CAN_PE_CLK CAN protocol engine
clock frequency
—
—
81
MHz
P3_CAN_PE_CLK
—
fP3_DBG_TS_CLK Debug time stamp
clock frequency
—
—
101.15
MHz
P3_DBG_TS_CLK
—
fP3_REG_INTF_
CLK
P3 register interface
clock frequency
—
—
133.33
MHz
P3_REG_INTF_CLK
—
fP3_SYS_CLK
P3 system clock
frequency
—
—
405
MHz
P3_SYS_CLK
—
fP3_SYS_DIV2_
NOC_CLK
P3 system div2 NoC
clock freqeuncy
—
—
202.5
MHz
P3_SYS_DIV2_NOC_
CLK
—
fP3_SYS_DIV4_
CLK
P3 system div4 clock
frequency
—
—
101.25
MHz
P3_SYS_DIV4_CLK
—
fCE_SYS_DIV2_
CLK
FlexLLCE system
div2 clock frequency
—
—
202.5
MHz
CE_SYS_DIV2_CLK
—
fCE_SYS_DIV4_
CLK
FlexLLCE system
div4 clock frequency
—
—
101.25
MHz
CE_SYS_DIV4_CLK
—
fP4_DSPI60_CLK
SPI_5 and SPI_6
clock frequency
—
—
120
MHz
P4_DSPI60_CLK
—
fP4_DSPI_CLK
SPI_7 clock
frequency
—
—
102
MHz
P4_DSPI_CLK
—
fP4_EMIOS_LCU_
CLK
eMIOS_1 clock
frequency
—
—
162
MHz
P4_EMIOS_LCU_CLK —
fP4_LIN_BAUD_
CLK
LINFlexD baud clock
frequency
—
—
135
MHz
P4_LIN_BAUD_CLK
—
fP4_LIN_CLK
LINFlexD clock
frequency
—
—
67.5
MHz
P4_LIN_CLK
—
fP4_PSI5_125K_
CLK
PSI5 125K clock
frequency
—
—
4.05
MHz
P4_PSI5_125K_CLK
—
fP4_PSI5_189K_
CLK
PSI5 189K clock
frequency
—
—
6.0606
MHz
P4_PSI5_189K_CLK
—
Table continues on the next page...
NXP Semiconductors
S32Z27
S32Z2 Data Sheet
S32Z27
All information provided in this document is subject to legal disclaimers.
© 2020 - 2025 NXP B.V. All rights reserved.
Product Data Sheet
Rev. 6 — 14 May 2025
Document feedback
52 / 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com