Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 135 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 131Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 132Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 133Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 134Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 135Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 136Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V,
VSWxFB = 3.3 V (SW1), 1.0 V (SW2/SW3), 0.8 V(SW4/SW5), 3.3 V (LDO Regulator), 1.8 V (VAON), and TA = 25 °C unless
otherwise noted. MONx applies to all internal voltage monitors: VSWxMON, VLDOxMON, VMONx and VAONMON.
Symbol
Description
Min
Typ
Max
Unit
tUVDBN2_
VAONMON
VAONMON UV debounce
• UV_DBNC[1:0] = 10
15
25
35
µs
tUVDBN3_
VAONMON
VAONMON UV debounce
• UV_DBNC[1:0] = 11
25
40
55
µs
VOVACC_
VAONMON
VAONMON OV threshold accuracy
-2
–
2
%
VOVHYS_
VAONMON
VAONMON OV hysteresis
• Voltage difference between OV rising and falling thresholds
1
–
2
%
tOVDBN0_
VAONMON
VAONMON OV debounce
• OV_DBNC[1:0] = 00
20
30
40
µs
tOVDBN1_
VAONMON
VAONMON OV debounce
• OV_DBNC[1:0] = 01
35
50
65
µs
tOVDBN2_
VAONMON
VAONMON OV debounce
• OV_DBNC[1:0] = 10
55
80
105
µs
tOVDBN3_
VAONMON
VAONMON OV debounce
• OV_DBNC[1:0] = 11
90
125
160
µs
Table 180. Voltage monitor electrical characteristics...continued
13.4 Clock management
The PF09 features an advanced clock management scheme, providing top-level control of the internal clock
tree generation as well as external clock synchronization. It incorporates various analog blocks managed by a
digital clock management interface supporting all the interaction among them.
• Low-power 100 kHz oscillator
• Internal high-frequency oscillator with programmable frequency
• Clock watchdog monitor
• Phase-locked loop (PLL)
13.4.1 High-frequency clock
The PF09 features an internal high-frequency clock with programmable frequency between 16 MHz and 20
MHz. The high-frequency clock provides clocking signals to support various digital functions, and to support the
generation of the switching frequency for the five buck converters, when the device is set to operate solely with
the internal clock.
The PF09 relies on the high-frequency clock to perform most of the system monitoring during the RUN and
Monitored STANDBY states, and it is disabled during the Low-power STANDBY state and other Low-power OFF
states to achieve minimum power consumption in these states.
13.4.1.1 Manual frequency tuning
The high-frequency clock is programmable via the CLK_FREQ [3:0] bits, to allow manual frequency tuning from
16 MHz to 24 MHz. When the device is generating the clock for the buck regulators internally, the switching
frequency will be proportional to the selected frequency in the internal clock (divided by 8), allowing a selectable
switching frequency range from 2 MHz to 3 MHz.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
135 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com