Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 62Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 64Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 65Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 66Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V and
TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
RPD_GPIO2
GPIO2 internal pulldown
• In LDO1EN mode
1
2
4
MΩ
GPIO3
VIN_MAX_GPIO3
Maximum input voltage
–
–
5.5
V
VIH_GPIO3
GPIO3 input high voltage
• Minimum voltage to ensure a high state
1.4
–
–
V
VIL_GPIO3
GPIO3 input low voltage
• Maximum voltage to ensure a low state
–
–
0.4
V
IHYS_GPIO3
GPIO3 input buffer hysteresis
100
–
–
mV
VOL_GPIO3
GPIO3 output low voltage
• Maximum voltage at 10 mA load
–
–
0.4
V
IOL_GPIO3
GPIO3 output low current
–
–
10
mA
VOH_GPIO3_VIN
GPIO3 output high voltage
• OTP_GPIO3_MODE[1:0] = 01 (push-pull to VIN)
• Load current = 2 mA
VIN – 0.5
–
–
V
IOH_GPIO3
GPIO3 output high current
–
–
2
mA
GPIO4
VIN_MAX_GPIO4
Maximum input voltage
–
–
5.5
V
VIH_GPIO4
GPIO4 input high voltage
• Minimum voltage to ensure a high state
1.4
–
–
V
VIL_GPIO4
GPIO4 input low voltage
• Maximum voltage to ensure a low state
–
–
0.4
V
IHYS_GPIO4
GPIO4 input buffer hysteresis
100
–
–
mV
VOL_GPIO4
GPIO4 output low voltage
• Maximum voltage at 10mA load
–
–
0.4
V
IOL_GPIO4
GPIO4 output low current
–
–
10
mA
VOH_GPIO4_VIN
GPIO4 output high voltage
• OTP_GPIO4_MODE[1:0] = 01 (push-pull to VIN)
• Load current = 2 mA
VIN – 0.5
–
–
V
FS0B
VIN_MAX_FS0B
Maximum input voltage
–
–
5.5
V
VIH_FS0B
FS0B input high voltage
• Minimum voltage to ensure a high state
1.4
–
–
V
VIL_FS0B
FS0B input low voltage
• Maximum voltage to ensure a low state
–
–
0.4
V
IHYS_FS0B
FS0B input buffer hysteresis
100
–
–
mV
VOL_FS0B
FS0B output low voltage
• Maximum voltage at 10mA load
–
–
0.4
V
Table 63. Electrical characteristics...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
66 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com