Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 76Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 77Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The operation of the FS0B pin depends on the safety integrity level of the device.
In non-safety devices (QM), the FS0B pin operates in Fault status mode.
In automotive safety devices (ASIL B/C/D), the FS0B pin operates in Active Safe-state mode.
In industrial safety devices (SIL 2) the FS0B pin operates in Active Safe-state mode.
Detailed description of the Active Safe-state mode is provided in section 18.5 FS0B Active Safe State Mode.
12.8.7.1 Fault status mode
In Fault status mode, the FS0B pin can be programmed to assert when a specific fault event is present. The
FS0B fault control bits are provided to allow the FS0B pin to assert when either of the selected fault conditions
is present.
When an FS0B fault control bit is set to 0, the fault event will assert the corresponding fault flag, but it will not be
able to control the FS0B pin.
When an FS0B fault control bit is set to 1, the fault event will assert the corresponding fault flag and also assert
the FS0B pin to report the fault condition to the system.
The FS0B pin will be released when all the system fault flags are cleared, by writing a 1 to the flag. Refer to
section 16.7.1 System Fault Flags for a detailed description of the system fault flags.
FS0B Fault Control
Description
FS0B_DCRC
Allows FS0B to assert on dynamic CRC event
FS0B_DFS
Allows FS0B to assert when entering the DFS state
FS0B_VIN_OV
Allows FS0B to assert on a VIN_OV event
FS0B_XFAIL
Allows FS0B to assert when the XFAILB is asserted externally
FS0B_WD
Allows FS0B to assert when a watchdog event is present
FS0B_XRESET
Allows FS0B to assert when an reset is requested via the XRESET or FCCU
FS0B_SFAULT
Allows FS0B to assert when a soft fault is present
FS0B_HFAULT
Allows FS0B to assert when a hard fault is present:
• Fault timer expired
• FAULT_CNT = FAULT_MAX_CNT
• RESET_CNT = RESET_MAX
• Power up failure
• Thermal shutdown
• The RSTB pin short-to-low detected.
• VIN crossing the UVDET on the Falling edge
Table 74. FS0B Fault control bits
12.8.8 FCCU1 (XRESET mode)
The FCCU1 pin is a programmable input pin in the PF09 to provide monitoring of external fault signals with
various modes of operation. In devices where the FCCU operation is not available, the FCCU1 pin uses the
OTP_FCCU1_MODE[1:0] bits to enable the external reset (XRESET) operation.
OTP_FCCU0_MODE[1:0]
OTP_FCCU1_MODE[1:0]
FCCU1 Operation
Don’t care
00
No operation
Table 75. FCCU1 pin operation when FCCU block is not available in the system.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
74 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com