Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 60 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 56Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 57Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 61Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 62Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.7.2 Interrupt management
The MCU can be notified of any interrupt event through the INTB pin and the various interrupt registers provided
by the PF09. The INTB pin is a reflection of a logic OR of all the interrupt status bits allowed to control the pin.
Interrupts are reported in two levels on the interrupts registers: At first level, the SYSTEM_INT register provides
information about the interrupt register that originated the interrupt event. At the second level, the remaining
interrupt registers provide the exact source for the interrupt event.
The corresponding SYSTEM_INT bits are set when the INTB pin is asserted by any of the second-level interrupt
bits that have not been masked. Likewise, when the second-level interrupt bit is cleared, the corresponding first-
level interrupt bit on the SYSTEM_INT register is cleared automatically.
System interrupt flag
Source of interrupt
STATUS1_I
Bit is set when interrupt is generated in register:
• STATUS1_INT
STATUS2_I
Bit is set when interrupt is generated in registers:
• STATUS2_INT
• STATUS3_INT
MODE_I
Bit is set when interrupt is generated in register:
• SW_MODE_INT
ILIM_I
Bit is set when interrupt is generated in registers:
• SW_ILIM_INT
• LDO_ILIM_INT
UV_I
Bit is set when interrupt is generated in registers:
• SW_UV_INT
• LDO_UV_INT
OV_I
Bit is set when interrupt is generated in registers:
• SW_OV_INT
• LDO_OV_INT
GPIO_I
Bit is set when interrupt is generated in registers:
• PWRON_INT
• IO_INT
EWARN_I
The EWARN_I is the only interrupt bit in the system without a mask bit, and it will cause the
INTB pin to assert every time a critical fault is causing the device to shut down.
Table 58. System interrupt flags
Whenever an interrupt event occurs, the corresponding interrupt latch bit (_I) will be set, and the system must
write a 1 to the corresponding status bit to clear the interrupt.
Each second-level interrupt is provided with a mask bit to control whether a given interrupt latch bit can assert
the INTB pin low or not. Only the PWRUP_I interrupt is not masked by default, in order to allow the INTB pin to
assert when the power-up sequence is finished.
Faults or conditions with a steady state are provided with a sense bit xxx_S to read the current status of such
conditions. Interrupts generated by transient faults or events do not provide sense bits.
Bit value
Interrupt latch [ _I ]
Interrupt mask [ _M ]
Sense bit [ _S ]
0
No event present
Asserts INTB (not-masked)
Condition is not present
1
Event latched
Does not assert INTB (masked)
Condition is currently present
Table 59. Interrupt latch, interrupt mask, and sense bits
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
60 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com