Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 25Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 26Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 27Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 28Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 29Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 30Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
In Debug mode, the following conditions are valid:
• I2C communication uses standard communication, with no CRC and secure write disabled
• The default I2C address is 0x08, regardless of the address configured by OTP
• Watchdog operation/monitoring is disabled
• Secure write is disabled
• XRESET pin is disabled
• FCCU is disabled
• DVSMIN and DVSMAX limits are disabled
The PF09 can operate normally using the Debug mode configuration, as long as VIN does not go below the
UVDET threshold. If VIN is lost (VIN < UVDET) the mirror registers will be reset, and Debug mode configuration
must be performed again.
The DBG_MODE flag is provided to indicate the device is in Debug mode.
DBG_MODE
Debug mode
0
Disabled
1
Enabled
Table 21. Sys_Diag (register 0x82 )
11.2.12.1.1 Test mode
The device is able to operate in TEST mode. In TEST mode, the system shall be able to access the OTP mirror
registers as well as all registers needed for OTP programming.
In TEST mode, the following conditions are valid:
• I2C communication uses standard communication, with no CRC and secure write disabled
• The default I2C address is 0x08, regardless of the address configured by OTP
• Watchdog operation/monitoring is disabled
• Secure write is disabled
• XRESET pin is disabled
• FCCU is disabled
• DVSMIN and DVSMAX limits are disabled
11.2.12.1.1.1 OTP emulation
OTP Emulation mode allows the user to modify OTP mirror registers before powering up. This facilitates
exercising different features of the PF09 while deciding on the best configuration for a given application. This is
especially useful when optimizing the SWx compensation for the desired transient response.
In emulation mode, only a VIN < UVDET or a critical DMS fault condition sends the device into the DFS state
and causes a fuse reload upon exiting the DFS state.
11.2.12.1.1.2 OTP fuse programming
OTP fuse burning is performed in the DBGOFF state.
To burn the OTP fuses, devices must enter Test mode and write the desired values in the mirror registers.
Once the proper configuration is set on the mirror registers, the device is configured.
The programming command is executed while VDDOTP has a programming voltage between 7.5 V < VDDOTP
< 8.5 V.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
27 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com