Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 65Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 66Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
TRESET[1:0]
Time to reset
01
2 sec
10
8 sec
11
16 sec
Table 65. Time to reset...continued
In the edge-sensitive mode, The PF09 uses the PWRON_DBNC[1:0] bits to set the PWRON pin debounce on
the rising and Falling edges.
PWRON_DBNC[1:0]
Falling-edge debounce
Rising-edge debounce
00
32 ms
32 ms
01
32 ms
32 ms
10
125 ms
32 ms
11
750 ms
32 ms
Table 66. PWRON pin debounce
The OTP_PWRON_DBNC[1:0] bits are used to set the default debounce time for the PWRON pin upon a power
up.
The PWRON_1S_I, PWRON_2S_I, PWRON_3S_I, PWRON_4S_I and PWRON_8S_I interrupts are generated
when the PWRON pin is held low for longer than 1 s, 2 s, 3 s, 4 s and 8 s respectively.
If PWRON_RST_EN = 1, pressing the PWRON for longer than the delay programmed by OTP_TRESET[1:0]
will force a PMIC reset.
If PWRON_RST_EN = 0, the device will start a turnoff event after the pushbutton is pressed for longer than
TRESET[1:0].
12.8.3 STBY
When the STBY pin is asserted, the device is directed to enter the STANDBY state, and when de-asserted, it
will return to the RUN state.
The STBY pin is programmable as active-high or active-low using the STBY_POL bit.
STBY (pin)
STBY_POL
STANDBY control
0
0
Not in STANDBY mode
0
1
In STANDBY mode
1
0
In STANDBY mode
1
1
Not in STANDBY mode
Table 67. STBY pin polarity
The OTP_STBY_POL bit is provided to set the default value of the STBY_POL bit.
The PF09 features a selectable STANDBY request window to allow the system to safely move into the
STANDBY state when the STBY pin is toggled, and to prevent random access to the STANDBY state.
To exit the STANDBY state, the device requires only the STBY pin toggle in the corresponding state, without the
need for any STANDBY request command.
The OTP_STBY_REQ bit is provided to configure the operation of the STANDBY request window.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
69 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com