Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 29Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 30Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 31Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 32Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 33Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
VIN
aaa-056049
VDIG
PWRON
Wake-up
event
VAON
XFAILB
PWRUP_READY
Regulator outputs
(enable signals)
RSTB
PWRON
event
Final VAON regulation
DFS
Fuse pre-load +
LBIST
Fuse
load
Self test
tfirst
treg2rstb
Only if LBIST enabled
tFLoad
tLBIST
tFLoad tSTEST
tBOOT1
Figure 10. PMIC wake-up from DFS
The default timing for the external regulators to start up is set via the OTP bits as described in Section 12.3.3.
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
tBias
System bias turn-on time
• From wake-up event (PWRON or cold boot)
• Analog core biasing until digital supply is in regulation.
–
370
625
µs
tFLoad
Fuse load time
• VDIG in regulation to FUSE_LOAD_DONE
–
190
200
µs
tSTEST
Self-test time
• From PWRON event detected until STEST_DONE
• PWRUP_READY = STEST_DONE, assuming no event is gating
the power-up sequence.
–
770
800
µs
tLBIST
LBIST test time
• LBIST enabled
• Includes initial fuse load
–
–
4.5
ms
tFirst
Time from PWRUP_READY to regulator in first slot to start rising.
–
–
100
µs
Table 27. IC startup dynamic characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
33 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com