Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 18Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 19Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 20Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 21Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 22Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 23Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 24Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
11.2.5 Self-test routine
In devices with a high safety integrity level (ASIL/SIL) the self-test routine is performed when the state machine
transitions out of the LPOFF state. During the self-test, the PF09 performs a startup self-check routine to verify
the integrity of the system:
The high speed oscillator circuit is operating within a maximum of 6 % tolerance.
The outputs of both the voltage generation bandgap and the monitoring bandgap are not drifting apart from
each other.
A CRC is performed on the mirror registers during the self-test routine, to ensure the integrity of the OTP
registers before powering up.
Analog built-in test on all voltage monitors and Safety I/Os is performed. (Refer to section Section 14.8 for
details on ABIST implementation.)
To allow for varying settling times for the internal bandgap and oscillators, the self-test routine is executed up
to three times (with 2 ms between each test) if a failure is encountered. If all three checks result in a failure, the
state machine will proceed to the Fail-safe transition to prevent operation with a potential latent fault present.
A failure in the ABIST test is not interpreted as a self-test failure, and it will only set the corresponding ABIST
flag in order to prevent the system from exiting a safe state after power-up.
11.2.6 Power-up sequence
The PF09 provides a highly configurable power-up sequence to enable the system regulators and general
purpose IO pins in a specific order and timing during the power-up state.
The default configuration for the power-up sequence is loaded from the OTP registers to ensure the system
always turns on with the correct configuration every power-up cycle as defined on each specific part number.
The RSTB pin is also programmable as part of the power-up sequence, and it is used as the condition to enter
the SYSTEM ON states.
Voltage monitoring functions are provided during the power-up sequence to ensure the system is brought out
of reset only if all voltage regulators enabled before the RSTB pin have reached regulation and are operating
properly.
The RSTB may be released in the middle of the Power-up sequence. In this case, the remaining supplies in
the power-up still continue to ramp up while the state machine enters the system-on states to process fault
conditions actively.
Refer to section Section 12.3.3 for details.
11.2.7 RUN State
If the power-up sequence is completed successfully, the state machine transitions directly into the RUN state.
The RUN State is a full-featured state providing full functionality and monitoring as described in this document.
All safety-related monitoring is fully operational during the RUN State if the corresponding feature is enabled via
OTP or functional registers.
Upon entering the RUN State, the I2C functional registers are loaded with the default values set by the OTP
registers, or with the default configuration. The MCU is expected to perform a booting sequence to modify the
PMIC functional configuration as required by the application.
All registers to control the regulators' output voltage, operating modes, interrupt masks and other miscellaneous
functions can be written to or read from the functional I2C register map during the SYSTEM ON states once the
power-up sequence is finalized.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
21 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com