Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 90 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 86Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 87Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 88Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 89Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 90Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
13 Functional blocks
13.1 Analog core and internal references
13.1.1 VANA
The PF09 uses a low-power analog supply to power various internal analog circuits. The VANA supply is
disabled during the ULPOFF, LPOFF and DFS states to reduce power consumption on those states.
The VANA supply must be decoupled externally with a 1 μF capacitor. The system, however, is not allowed to
use the supply to power external circuits, except for the scenarios where the VANA is used as the pullup voltage
for the XFAILB pin.
An undervoltage detection circuit serves as the POR threshold for the circuits powered by this regulator inside
of the PF09. When an undervoltage is detected in the VANA supply during the SYSTEM ON states, the device
will move to the Deep Fail-safe state (DFS).
An overvoltage detection is provided in the VANA regulator as part of the functional safety architecture. When
the VANA crosses the OV threshold, the VANA_OV_I interrupt bit is set and the INTB pin will be asserted low if
the interrupt is not masked.
The VANA_OV_S bit provides the real-time status of the VANA overvoltage monitor.
Symbol
Parameter
Min
Typ
Max
Unit
VANA
VANA Output Voltage
1.55
1.6
1.65
V
CVANA
VANA output capacitor
—
1
—
μF
VANA_OV_S
VANA overvoltage status
0
No OV detected
1
OV detected
Table 105. VANA overvoltage status
13.1.2 VDIG
The PF09 uses a low-power digital supply to power the digital circuits inside the IC. The VDIG supply is
disabled only during the ULPOFF states, to achieve the lowest power consumption in this state.
An undervoltage detection circuit serves as the POR threshold for the digital controller powered by this regulator
inside of the PF09.
An overvoltage detection is provided in the VDIG regulator as part of the functional safety architecture. When
the VDIG crosses the OV threshold, the VDIG_OV_I interrupt bit is set, and the INTB pin will be asserted low
if the interrupt is not masked. Devices targeting a higher safety integrity level featuring a dedicated digital
machine supervisor (DMS) provide a second level of protection against a VDIG_OV condition, to ensure a
proper safe reaction even if such a condition causes the main digital controller to be unresponsive.
The VDIG_OV_S bit provides the real-time status of the VDIG overvoltage monitor.
Symbol
Parameter
Min
Typ
Max
Unit
VDIG
VDIG Output Voltage
1.55
1.6
1.65
V
CVDIG
VDIG output capacitor
—
1
—
μF
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
90 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com