Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 45 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
PD_SEQ_DLY[2:0]
Delay after power-down sequence
000
No delay
001
1 ms
010
5 ms
011
10 ms
100
50 ms
101
100 ms
110
250 ms
111
500 ms
Table 42. Delay after power-down sequence
The default value of the power-down delay is set via the OTP_PD_SEQ_DLY[2:0] bits, and the MCU can modify
the value during the SYSTEM ON states via the PD_SEQ_DLY[2:0] bits.
After a power-down sequence is started, the PWRON pin is masked until the power-down sequences are
finished and the programmable power-down delay is over. Only then can the device power up again if a power-
up event is present.
aaa-056052
SYSTEM ON
state
PWRON
Power-down sequence
Shutdown
event
VAON ON in LPOFF
VAON OFF
OFF state
Power-down
sequence
Power-down delay
Power down delay
System
regulators
VAON
RSTB
Figure 13. Power-down delay
12.5 RUN/STANDBY transitions
The PF09 provides independent configuration for the voltage regulators during the RUN and STANDBY states.
the PF09 relies on the power-up and power-down sequencing to ensure proper transition between these two
states.
Figure 14 shows an example of the Power-up/down sequence when transitioning from RUN to STANDBY and
back to the RUN state.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
45 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com