Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
If VMON1 or VMON2 are enabled when a soft reset occurs, the voltage monitoring will be masked during the
soft reset, and the VMON mask timer will be started. The voltage monitoring channel will be unmasked after the
VMON mask timer VMONx_TMASK[1:0] has expired, and the system will start monitoring for OV/UV conditions
at the default voltage level.
The RSTB can be programmed to remain released or assert temporarily to generate a physical reset condition
for the MCU. The RSTB_SOFTRST[1:0] bits are provided to program the behavior of the RSTB pin upon a soft
reset condition.
RSTB_SOFTRST[1:0]
RSTB pulse on soft reset
00
No RSTB assertion
01
Assert RSTB for 100 μs
10
Assert RSTB for 500 μs
11
Assert RSTB for 1000 μs
Table 40. RSTB pulse on soft reset
The OTP_RSTB_SOFTRST[1:0] is provided to set the default value of the RSTB_SOFTRST[1:0] bits.
In applications where the watchdog timer is enabled at power-up, if the RSTB pin is programmed to assert
temporarily during a soft reset, the device will stop the watchdog timer during the reset event and it will
restart with the default configuration after the RSTB pin is released, to allow the system to perform the initial
configuration and start servicing the watchdog again.
When a soft reset event is present, the device will clear all the interrupt latches before reloading the default
values into the functional register. This allows the device to assert the INTB pin when the PWRUP_I is latched,
when all voltages finished transitioning to the default values.
12.4.2.3 Reset counter
When the device has started a reset event, the value in the RESET_CNT[3:0] bits will be increased. If the
RESET_CNT[3:0] reaches the maximum number of reset events allowed by the RESET_MAX[3:0] bits, the
system will detect a cyclic reset failure and it will perform a fault power-down sequence and proceed to the Fail-
safe transition.
The MCU is expected to clear the RESET_CNT[3:0] when it is able to regain proper operation after the reset
condition. The RESET_CNT[3:0] will be reset automatically when the state machine enters the LPOFF state, to
ensure the system starts with a clean count on a fresh power-up event. The RESET_MAX[3:0] is loaded with
the values on the OTP_RESET_MAX[3:0] bits.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
42 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com