Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 96Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 97Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 98Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 99Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 100Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
scenarios, the SW1 block can be used as a low-drop load switch to enable the 3.3 V input to be switched on
and off as required by the system.
The OTP_SW1LS_EN bit is provided to configure the SW1 block as a load awitch (SW1LS). In this mode of
operation, no inductor is required, and the SW1LX pin is used as the output of the load switch, which must be
connected to the SW1FB pin to monitor the output voltage.
When the SW1LS output is disabled, the internal HS FET becomes open and the internal pulldown is applied to
discharge the output.
OTP_SW1LS_EN
SW1 mode
0
Regulator mode
1
Load switch mode
Table 120. Load switch mode selection bit
The SW1 load switch (SW1LS) is intended to take a 3.3 V input and gate the output using the
SW1_RUN_MODE[1:0] and SW1_STBY_MODE[1:0] in the RUN and STANDBY states respectively.
SW1_RUN_MODE[1:0] SW1_STBY_MODE[1:0]
SW1LS Operation
00
Output disable (HS FET open)
01
Output enabled (without monitoring)
10
Output enabled (with monitoring)
11
Reserved (output disabled)
Table 121. SW1LS control bits
When the SW1LS output is enabled during the Power-up sequence, the SW1_RUN_MODE[1:0] will default
to 0b10 (output enabled with monitoring). The system can change the configuration during the SYSTEM ON
states.
The default value of the SW1_STBY_MODE[1:0] at power up is set based on the OTP_SW1_STBY_EN[1:0]
and the OTP_LP_STBY bits.
OTP_SW1_STBY_EN
OTP_LP_STBY
SW1_STBY_MODE[1:0]
Default STANDBY operation
0
x
00
Output disable (HS FET open)
1
0
10
Output enabled with monitoring
1
1
01
Output enabled no monitoring
Table 122. SW1LS default STANDBY configuration
When the SW1LS output is enabled with no monitoring, the SW1 output will neither control the PGOOD pin nor
generate an OV/UV condition.
When the SW1LS output is enabled with monitoring during the RUN state, the internal voltage monitor will be
enabled and will expect a voltage as selected by the VSW1_RUN[7:0] bits.
When the SW1LS output is enabled with monitoring during the monitored STANDBY state, (OTP_LP_STBY =
0), the internal voltage monitor will be enabled and will expect a voltage as selected by the VSW1_STBY[7:0]
bits.
When the internal monitor is expected to be enabled during the load switch operation, the system designer must
ensure that the output voltage in the corresponding state is always set to 3.3 V or a lower value, and the OV/UV
monitoring thresholds are wide enough to account for voltage losses in the load switch.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
97 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com