Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 2Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 3Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 4Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
5 Ordering information
Package
Type number [1]
Name
Description
Version
PF0900
HVQFN56
HVQFN56, plastic thermal enhanced very thin quad flat
pack; no leads, wettable flank, 56 terminals, 0.5 mm pitch,
8 mm x 8 mm x 0.53 mm body
SOT684-32(DD)
Table 1. Ordering information
[1]
To order parts in tape and reel, add the R2 suffix to the part number.
Part number [1][2]
Target market
NXP processor
System
comments
Safety grade
OTP ID
MPF0900AMDA0ES
Automotive
N/A
Not programmed
ASIL D
DA0
MPF0900AMBA0ES
Automotive
N/A
Not programmed
ASIL B
BA0
MPF0900AMMA0ES
Automotive
N/A
Not programmed
QM
MA0
MPF0900AMBA1ES
Automotive
i.MX 95
LPDDR5 memory
ASIL B
BA1
MPF0900AMBA2ES
Automotive
i.MX 95
LPDDR4X memory
ASIL B
BA2
MPF0900AMMA1ES
Automotive
i.MX 95
LPDDR5 memory
QM
MA1
MPF0900AMMA2ES
Automotive
i.MX 95
LPDDR4X memory
QM
MA2
MPF0900AMMA5ES
Automotive
i.MX 93
LPDDR4X memory
QM
MA5
MPF0900AVNA0ES
Industrial
N/A
Not programmed
QM
NA0
MPF0900AVSA0ES
Industrial
N/A
Not programmed
SIL 2
SA0
MPF0900AVNA1ES
Industrial
i.MX 95
LPDDR5 memory
QM
NA1
MPF0900AVNA2ES
Industrial
i.MX 95
LPDDR4X memory
QM
NA2
MPF0900AVNA5ES
Industrial
i.MX 93
LPDDR4X memory
QM
NA5
MPF0900AVSA1ES
Industrial
i.MX 95
LPDDR5 memory
SIL 2
SA1
MPF0900AVSA2ES
Industrial
i.MX 95
LPDDR4X memory
SIL 2
SA2
PPF0900AMBA7ES
Automotive
i.MX943 Auto
LPDDR5
ASIL B
BA7
PPF0900AMBA8ES
Automotive
i.MX943 Auto
LPDDR4
ASIL B
BA8
PPF0900AMMA7ES
Automotive
i.MX943 Auto
LPDDR5
QM
MA7
PPF0900AMMA8ES
Automotive
i.MX943 Auto
LPDDR4
QM
MA8
Table 2. Ordering options
[1]
P = Engineering sample part number (PPF09x)
[2]
M = Production part number (MPF09x)
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
6 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com