Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 41 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Selected functions whose SOFTRST_EN bits are set to 1 can reload the default OTP values during the soft
reset event.
The WD_SOFTRST_EN bit is provided to allow the WD_DURATION[3:0] bits to keep the current value or be
reset to the default OTP value during a soft reset event.
WD_SOFTRST_EN
WD duration on soft reset
0
No reset
1
Reset to default OTP
Table 36. WD duration on soft reset
When the GPIOx pins are configured as general purpose outputs, the GPOx_SOFTRST_EN bits are provided
to decide whether the respective GPO should keep the current values or reload the default configuration when a
soft reset is present.
GPOx_SOFTRST_EN
Soft reset impact
0
Output ignores the soft reset
1
Reset to default value
Table 37. Effect of soft reset on GPO
The default value for GPIO bits is evaluated based on the OTP_GPIOx_SEQ bits:
• If OTP_GPIOx_SEQ = 0x00, the output is defaulted to LOW.
• If OTP_GPIOx_SEQ != 0x00, the output is defaulted to HIGH.
The behavior of the system regulators (SWx/LDOx) upon a soft reset is controlled by the corresponding
SWx_SOFTRST_EN/LDOx_SOFTRST_EN bits.
SWx_SOFTRST_EN LDOx_SOFTRST_EN
Soft reset tmpact
0
Ignores the soft reset
1
Reload the default value
Table 38. Effect of soft reset on system regulators
System regulators that are set to react to a soft reset will react based on the default configuration set by the
OTP registers.
Regulators that were enabled in the Power-up sequence will remain enabled, but if the output voltage was
changed during the system operation, it will return to the default voltage level set by the OTP bits.
Regulators that were not enabled during the power-up sequence, but were turned on during the SYSTEM ON
states, will be disabled when the default value is reloaded.
The VMONx_SOFTRST_EN bit is provided to determine whether the external VMON input will maintain the
current configuration or return to the default configuration when a soft reset is present.
VMONx_SOFTRST_EN
Soft reset impact
0
Ignores the soft reset
1
Reload the default value
Table 39. Effect of soft reset on external VMON input
When the VMONx is programmed to reload the default value on a soft reset, the corresponding voltage
monitoring will be disabled if the block was not enabled by default during the power up sequence.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
41 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com